Electronic Components Datasheet Search
  English  ▼

X  

PCD3349AT Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCD3349AT
Description  8-bit microcontroller with DTMF generator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3349AT Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCD3349AT Datasheet HTML 7Page - NXP Semiconductors PCD3349AT Datasheet HTML 8Page - NXP Semiconductors PCD3349AT Datasheet HTML 9Page - NXP Semiconductors PCD3349AT Datasheet HTML 10Page - NXP Semiconductors PCD3349AT Datasheet HTML 11Page - NXP Semiconductors PCD3349AT Datasheet HTML 12Page - NXP Semiconductors PCD3349AT Datasheet HTML 13Page - NXP Semiconductors PCD3349AT Datasheet HTML 14Page - NXP Semiconductors PCD3349AT Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
1998 May 11
11
Philips Semiconductors
Product specification
8-bit microcontroller with DTMF generator
PCD3349A
Notes
1. TONE output requires VDD ≥ 2.5 V.
2. VIL =VSS; VIH =VDD; open-drain outputs connected to VSS; all other outputs open; value HGF = LGF = 0, unless
otherwise specified.
3. Crystal connected between XTAL1 and XTAL2; pins T1 and CE/T0 at VSS; value HGF = LGF = 0.
4. Values are specified for DTMF frequencies only (CEPT).
5. Related to the Low Group Frequency (LGF) component (CEPT).
6. VPOR is an option chosen by the user. Depending on its value, it may restrict the supply voltage range.
Inputs
VIL
LOW-level input voltage
0
−
0.3VDD V
VIH
HIGH-level input voltage
0.7VDD −
VDD
V
IIL
input leakage current
VSS ≤ VI ≤ VDD
−1
−
+1
µA
Port outputs (see Figs 10 to 12)
IOL
LOW-level port sink
current
VDD = 3 V; VO = 0.4 V
0.7
3.5
−
mA
IOH
HIGH-level port pull-up
source current
VO = 2.7 V; VDD =3V
−10
−20
−µA
VO =0V; VDD =3V
−−100
−300
µA
IOH
HIGH-level port push-pull
source current
VDD = 3 V; VO = 2.6 V
−0.7
−4
−
mA
TONE output (see Fig.4; notes 1 and 4)
VHGrms
HGF voltage (RMS)
158
181
205
mV
VLGrms
LGF voltage (RMS)
125
142
160
mV
frequency deviation
−0.6
−
0.6
%
VDC
DC voltage level
−
0.5VDD −
V
Z
O
output impedance
−
100
500
Ω
VG
pre-emphasis of group
1.5
2.0
2.5
dB
THD
total harmonic distortion
Tamb =25 °C; note 5
−
25
−
dB
Power-on-reset
∆VPOR
Power-on-reset level
variation around chosen
VPOR
note 6
−0.5
0
+0.5
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
f
∆ f
⁄



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com