Electronic Components Datasheet Search
  English  ▼

X  

PCD3349AT Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PCD3349AT
Description  8-bit microcontroller with DTMF generator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3349AT Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PCD3349AT Datasheet HTML 11Page - NXP Semiconductors PCD3349AT Datasheet HTML 12Page - NXP Semiconductors PCD3349AT Datasheet HTML 13Page - NXP Semiconductors PCD3349AT Datasheet HTML 14Page - NXP Semiconductors PCD3349AT Datasheet HTML 15Page - NXP Semiconductors PCD3349AT Datasheet HTML 16Page - NXP Semiconductors PCD3349AT Datasheet HTML 17Page - NXP Semiconductors PCD3349AT Datasheet HTML 18Page - NXP Semiconductors PCD3349AT Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
1998 May 11
15
Philips Semiconductors
Product specification
8-bit microcontroller with DTMF generator
PCD3349A
16 AC CHARACTERISTICS
VDD = 1.8 to 6 V; VSS =0V; Tamb = −25 to +70 °C; all voltages with respect to VSS; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
tr
rise time all outputs
VDD =5V; Tamb =25 °C; CL =50pF
−
30
−
ns
tf
fall time all outputs
−
30
−
ns
fxtal
clock frequency
see Fig.14
1
−
16
MHz
Oscillator (see Fig.15)
gmL
LOW transconductance
VDD = 5 V
0.2
0.4
1.0
mS
gmM
MEDIUM transconductance
0.9
1.6
3.2
mS
gmH
HIGH transconductance
3.0
4.5
9.0
mS
RF
feedback resistor
0.3
1.0
3.0
M
Ω
handbook, halfpage
MLA493
VDD (V)
13
5
7
fxtal
(MHz)
12
9
6
3
0
15
18
guaranteed
operating range
Fig.14 Maximum clock frequency (fxtal) as a
function of supply voltage (VDD).
Fig.15 Typical transconductance as a function of
supply voltage (VDD).
handbook, halfpage
13
57
VDD (V)
10
−1
MBG097
1
10
gm
(mS)
gmH
gmM
gmL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com