Electronic Components Datasheet Search
  English  ▼

X  

PCD3349AT Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCD3349AT
Description  8-bit microcontroller with DTMF generator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3349AT Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCD3349AT Datasheet HTML 10Page - NXP Semiconductors PCD3349AT Datasheet HTML 11Page - NXP Semiconductors PCD3349AT Datasheet HTML 12Page - NXP Semiconductors PCD3349AT Datasheet HTML 13Page - NXP Semiconductors PCD3349AT Datasheet HTML 14Page - NXP Semiconductors PCD3349AT Datasheet HTML 15Page - NXP Semiconductors PCD3349AT Datasheet HTML 16Page - NXP Semiconductors PCD3349AT Datasheet HTML 17Page - NXP Semiconductors PCD3349AT Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
1998 May 11
14
Philips Semiconductors
Product specification
8-bit microcontroller with DTMF generator
PCD3349A
Fig.12 Typical HIGH-level push-pull output source
current (IOH) as a function of supply voltage
(VDD).
VO =VDD − 0.4 V.
handbook, halfpage
1
−12
−8
−4
0
35
VDD (V)
7
MGB833
IOH1
(mA)
Fig.13 Typical Power-on-reset level (VPOR) as
function of temperature.
handbook, halfpage
−25
6
4
2
0
25
75
70
Tamb (°C)
125
MGD495
VDD
(V)
VPOR = 1.3 V
VPOR = 2.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com