Electronic Components Datasheet Search
  English  ▼

X  

1913028 Datasheet(PDF) 11 Page - PHOENIX CONTACT

Part # 1913028
Description  MVSTBW 2,5 HC/ 9-STF - PCB connector
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1913028 Datasheet(HTML) 11 Page - PHOENIX CONTACT

Back Button 1913028 Datasheet HTML 6Page - PHOENIX CONTACT 1913028 Datasheet HTML 7Page - PHOENIX CONTACT 1913028 Datasheet HTML 8Page - PHOENIX CONTACT 1913028 Datasheet HTML 9Page - PHOENIX CONTACT 1913028 Datasheet HTML 10Page - PHOENIX CONTACT 1913028 Datasheet HTML 11Page - PHOENIX CONTACT 1913028 Datasheet HTML 12Page - PHOENIX CONTACT 1913028 Datasheet HTML 13Page - PHOENIX CONTACT 1913028 Datasheet HTML 14Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Accessories
CP-MSTB - Coding profile
1734634
https://www.phoenixcontact.com/us/products/1734634
Coding profile, is inserted into the slot on the plug or inverted header, red
insulating material
SZS 0,6X3,5 - Screwdriver
1205053
https://www.phoenixcontact.com/us/products/1205053
Actuation tool, for ST terminal blocks, insulated, also suitable for use as a bladed
screwdriver, size: 0.6 x 3.5 x 100 mm, 2-component grip, with non-slip grip
MVSTBW 2,5 HC/ 9-STF - PCB connector
1913028
https://www.phoenixcontact.com/us/products/1913028
Feb 14, 2024, 4:43 AM
Page 11 (14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com