Electronic Components Datasheet Search
  English  ▼

X  

1913028 Datasheet(PDF) 12 Page - PHOENIX CONTACT

Part # 1913028
Description  MVSTBW 2,5 HC/ 9-STF - PCB connector
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1913028 Datasheet(HTML) 12 Page - PHOENIX CONTACT

Back Button 1913028 Datasheet HTML 6Page - PHOENIX CONTACT 1913028 Datasheet HTML 7Page - PHOENIX CONTACT 1913028 Datasheet HTML 8Page - PHOENIX CONTACT 1913028 Datasheet HTML 9Page - PHOENIX CONTACT 1913028 Datasheet HTML 10Page - PHOENIX CONTACT 1913028 Datasheet HTML 11Page - PHOENIX CONTACT 1913028 Datasheet HTML 12Page - PHOENIX CONTACT 1913028 Datasheet HTML 13Page - PHOENIX CONTACT 1913028 Datasheet HTML 14Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
SK U/3,8 WH:UNBEDRUCKT - Marker card
0803906
https://www.phoenixcontact.com/us/products/0803906
Marker card, Din A4, white, unlabeled, can be labeled with: PLOTMARK, CMS-
P1-PLOTTER, Office printing systems, mounting type: adhesive, for terminal
block width: 210 mm, lettering field size: 186 x 3.8 mm, Number of individual
labels: 1440
SK 5/3,8:UNBEDRUCKT - Marker card
0805409
https://www.phoenixcontact.com/us/products/0805409
Marker card, Sheet, white, unlabeled, can be labeled with: Marker pen: without
print, mounting type: adhesive, for terminal block width: 5 mm, lettering field size:
5 x 3.8 mm, Number of individual labels: 120
MVSTBW 2,5 HC/ 9-STF - PCB connector
1913028
https://www.phoenixcontact.com/us/products/1913028
Feb 14, 2024, 4:43 AM
Page 12 (14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com