Electronic Components Datasheet Search
  English  ▼

X  

1913028 Datasheet(PDF) 14 Page - PHOENIX CONTACT

Part # 1913028
Description  MVSTBW 2,5 HC/ 9-STF - PCB connector
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1913028 Datasheet(HTML) 14 Page - PHOENIX CONTACT

Back Button 1913028 Datasheet HTML 6Page - PHOENIX CONTACT 1913028 Datasheet HTML 7Page - PHOENIX CONTACT 1913028 Datasheet HTML 8Page - PHOENIX CONTACT 1913028 Datasheet HTML 9Page - PHOENIX CONTACT 1913028 Datasheet HTML 10Page - PHOENIX CONTACT 1913028 Datasheet HTML 11Page - PHOENIX CONTACT 1913028 Datasheet HTML 12Page - PHOENIX CONTACT 1913028 Datasheet HTML 13Page - PHOENIX CONTACT 1913028 Datasheet HTML 14Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
MSTBV 2,5 HC/ 9-GF - PCB header
1924486
https://www.phoenixcontact.com/us/products/1924486
PCB headers, nominal cross section: 2.5 mm2, color: green, nominal current: 16
A (see derating curve), rated voltage (III/2): 320 V, contact surface: Tin, contact
connection type: Pin, number of potentials: 9, number of rows: 1, number of
positions: 9, number of connections: 9, product range: MSTBV 2,5 HC/..-GF,
pitch: 5 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]:
3.9 mm, number of solder pins per potential: 1, plug-in system: COMBICON
MSTB 2,5 HC, Pin connector pattern alignment: Standard, locking: Screw locking
mechanism, mounting: Threaded flange, type of packaging: packed in cardboard
Phoenix Contact 2024 © - all rights reserved
https://www.phoenixcontact.com
Phoenix Contact USA
586 Fulling Mill Road
Middletown, PA 17057, United States
(+717) 944-1300
info@phoenixcon.com
MVSTBW 2,5 HC/ 9-STF - PCB connector
1913028
https://www.phoenixcontact.com/us/products/1913028
Feb 14, 2024, 4:43 AM
Page 14 (14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com