Electronic Components Datasheet Search
  English  ▼

X  

PCD3745AT Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCD3745AT
Description  8-bit microcontroller with 4.5 kbytes OTP memory and 32 kHz real-time clock
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3745AT Datasheet(HTML) 5 Page - NXP Semiconductors

  PCD3745AT Datasheet HTML 1Page - NXP Semiconductors PCD3745AT Datasheet HTML 2Page - NXP Semiconductors PCD3745AT Datasheet HTML 3Page - NXP Semiconductors PCD3745AT Datasheet HTML 4Page - NXP Semiconductors PCD3745AT Datasheet HTML 5Page - NXP Semiconductors PCD3745AT Datasheet HTML 6Page - NXP Semiconductors PCD3745AT Datasheet HTML 7Page - NXP Semiconductors PCD3745AT Datasheet HTML 8Page - NXP Semiconductors PCD3745AT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
1999 Feb 02
5
Philips Semiconductors
Product specification
8-bit microcontroller with 4.5 kbytes OTP
memory and 32 kHz real-time clock
PCD3745A
5
PINNING INFORMATION
5.1
Pinning
Fig.2 Pin configuration (SOT117-1 and SOT136-1).
handbook, halfpage
1
2
3
4
5
6
7
8
9
10
11
12
13
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
P0.1
P0.2
P0.3
P0.4
P0.5
P0.6
P0.7
T1
XTAL1
XTAL2
RESET
CE/T0
P1.0
P1.1
P0.0
CLK2
CLK1
EMUN
RTC2
VSS
VDD
RTC1
P1.7/RCO
P1.6
P1.5
P1.4
P1.3
P1.2
PCD3745A
MBH910
Fig.3 Pin configuration (SOT358-1).
handbook, full pagewidth
MBH911
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
n.c.
P0.5
P0.6
P0.7
T1
XTAL1
XTAL2
RESET
n.c.
P1.6
RTC1
EMUN
RTC2
VSS
VDD
P1.7/RCO
PCD3745A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com