Electronic Components Datasheet Search
  English  ▼

X  

PCD3745AT Datasheet(PDF) 23 Page - NXP Semiconductors

Part # PCD3745AT
Description  8-bit microcontroller with 4.5 kbytes OTP memory and 32 kHz real-time clock
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3745AT Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button PCD3745AT Datasheet HTML 19Page - NXP Semiconductors PCD3745AT Datasheet HTML 20Page - NXP Semiconductors PCD3745AT Datasheet HTML 21Page - NXP Semiconductors PCD3745AT Datasheet HTML 22Page - NXP Semiconductors PCD3745AT Datasheet HTML 23Page - NXP Semiconductors PCD3745AT Datasheet HTML 24Page - NXP Semiconductors PCD3745AT Datasheet HTML 25Page - NXP Semiconductors PCD3745AT Datasheet HTML 26Page - NXP Semiconductors PCD3745AT Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
1999 Feb 02
23
Philips Semiconductors
Product specification
8-bit microcontroller with 4.5 kbytes OTP
memory and 32 kHz real-time clock
PCD3745A
handbook, halfpage
1
−300
−200
−100
0
3
IOH
(
µA)
5
VDD (V)
7
MLC422
VO = 0 V
VO = 0.9 VDD
Fig.15 Typical HIGH level output pull-up source
current (IOH) as a function of supply voltage
(VDD).
handbook, halfpage
1
−12
−8
−4
0
35
VDD (V)
7
MLC410
IOH
(mA)
Fig.16 Typical HIGH level push-pull output source
current (IOH) as a function of supply voltage
(VDD).
VO =VDD − 0.4 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com