Electronic Components Datasheet Search
  English  ▼

X  

PCD3745AT Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCD3745AT
Description  8-bit microcontroller with 4.5 kbytes OTP memory and 32 kHz real-time clock
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3745AT Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCD3745AT Datasheet HTML 13Page - NXP Semiconductors PCD3745AT Datasheet HTML 14Page - NXP Semiconductors PCD3745AT Datasheet HTML 15Page - NXP Semiconductors PCD3745AT Datasheet HTML 16Page - NXP Semiconductors PCD3745AT Datasheet HTML 17Page - NXP Semiconductors PCD3745AT Datasheet HTML 18Page - NXP Semiconductors PCD3745AT Datasheet HTML 19Page - NXP Semiconductors PCD3745AT Datasheet HTML 20Page - NXP Semiconductors PCD3745AT Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
1999 Feb 02
17
Philips Semiconductors
Product specification
8-bit microcontroller with 4.5 kbytes OTP
memory and 32 kHz real-time clock
PCD3745A
9
REDUCED POWER MODES
9.1
Idle mode
In Idle mode, the Real-time clock, Counter 1 and
Counter 2 sections remain operative. In addition to the
description given in the
“PCD33xxA family data sheet”,
Idle mode may be left by a clock or a counter interrupt
event (see Section 8).
9.2
Stop mode
In Stop mode the Real-Time Clock, Counter 1, Counter 2
and the 32 kHz crystal oscillator sections remain operative
(depending on the state of the RUN and ECx bits in CLCR
and PCCR). In addition to the description given in the
“PCD33xxA family data sheet”, Stop mode may be left by
a clock or a counter interrupt event (see Section 8).
10 INSTRUCTION SET RESTRICTIONS
RAM space is restricted to 224 bytes; care should be taken
to avoid accesses to non-existing RAM locations.
11 TIMING
The PCD3745A operates over a clock frequency range of
1 to 16 MHz.
12 RESET
In addition to the conditions given in the
“PCD33xxA family
data sheet”, all derivative registers are cleared in the reset
state.
13 SUMMARY OF CONFIGURATIONS
Table 10 Port configuration (see notes 1 and 2)
Notes
1. 1 = standard I/O; 3 = push-pull Output.
2. Port state after reset: S = Set (HIGH) and R = Reset (LOW).
Table 11 Product configurations
TYPE
PORT 0
PORT 1
0123456701234567
PCD3745A
3R
3R
3S
3S
3R
3R
3R
3R
1S
1S
1S
1S
1R
1R
1R
1S
FEATURE
DESCRIPTION
Program/data code
any mix of instructions and data up to OTP memory size of 4.5 kbytes
Oscillator transconductance
fixed at LOW transconductance (gmL); the maximum crystal clock frequency is 6 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com