Electronic Components Datasheet Search
  English  ▼

X  

8742 Datasheet(PDF) 8 Page - Intel Corporation

Part # 8742
Description  UNIVERSAL PERIPHERAL INTERFACE 8-BIT SLAVE MICROCONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8742 Datasheet(HTML) 8 Page - Intel Corporation

Back Button 8742 Datasheet HTML 4Page - Intel Corporation 8742 Datasheet HTML 5Page - Intel Corporation 8742 Datasheet HTML 6Page - Intel Corporation 8742 Datasheet HTML 7Page - Intel Corporation 8742 Datasheet HTML 8Page - Intel Corporation 8742 Datasheet HTML 9Page - Intel Corporation 8742 Datasheet HTML 10Page - Intel Corporation 8742 Datasheet HTML 11Page - Intel Corporation 8742 Datasheet HTML 12Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8742
AC CHARACTERISTICS TA e 0 Cto a70 C VSS e 0V VCC e VDD ea5V g10%
DBB READ
Symbol
Parameter
8742
Units
Min
Max
tAR
CS A0 Setup to RD
v
0ns
tRA
CS A0 Hold after RD
u
0ns
tRR
RD Pulse Width
160
ns
tAD
CS A0 to Data Out Delay
130
ns
tRD
RD
v to Data Out Delay
130
ns
tDF
RD
u to Data Float Delay
85
ns
tCY
Cycle Time
125
15
m
s(1)
DBB WRITE
Symbol
Parameter
Min
Max
Units
tAW
CS A0 Setup to WR
v
0ns
tWA
CS A0 Hold after WR
u
0ns
tWW
WR Pulse Width
160
ns
tDW
Data Setup to WR
u
130
ns
tWD
Data Hold after WR
u
0ns
NOTE
1 TCY e 15f(XTAL)
AC CHARACTERISTICS TA e 25 C g5 C VCC e 5V g5% VDD ea21V g05
PROGRAMMING
Symbol
Parameter
Min
Max
Units
Test Conditions
tAW
Address Setup Time to RESET
u
4tCY
tWA
Address Hold Time after RESET
u
4tCY
tDW
Data in Setup Time to PROG
u
4tCY
tWD
Data in Hold Time after PROG
v
4tCY
tPH
RESET Hold Time to Verify
4tCY
tVDDW
VDD Setup Time to PROG
u
0
10
mS
tVDDH
VDD Hold Time after PROG
u
0
10
mS
tPW
Program Pulse Width
50
60
mS
tTW
Test 0 Setup Time for Program Mode
4tCY
tWT
Test 0 Hold Time after Program Mode
4tCY
tDO
Test 0 to Data Out Delay
4tCY
tWW
RESET Pulse Width to Latch Address
4tCY
tr tf
VDD and PROG Rise and Fall Times
05
20
m
s
tCY
CPU Operation Cycle Time
40
m
s
tRE
RESET Setup Time before EA
u
4tCY
NOTE
If TEST 0 is high tDO can be triggered by RESET
u
8
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com