Electronic Components Datasheet Search
  English  ▼

X  

8742 Datasheet(PDF) 10 Page - Intel Corporation

Part # 8742
Description  UNIVERSAL PERIPHERAL INTERFACE 8-BIT SLAVE MICROCONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8742 Datasheet(HTML) 10 Page - Intel Corporation

Back Button 8742 Datasheet HTML 4Page - Intel Corporation 8742 Datasheet HTML 5Page - Intel Corporation 8742 Datasheet HTML 6Page - Intel Corporation 8742 Datasheet HTML 7Page - Intel Corporation 8742 Datasheet HTML 8Page - Intel Corporation 8742 Datasheet HTML 9Page - Intel Corporation 8742 Datasheet HTML 10Page - Intel Corporation 8742 Datasheet HTML 11Page - Intel Corporation 8742 Datasheet HTML 12Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
8742
LC OSCILLATOR MODE
f e
1
2q
0LC
L
C
NOMINAL
45 H 20 pF
52 MHz
C e
C a 3Cpp
2
120 H 20 pF
32 MHz
Cpp j 5pF – 10pF
Pin-to-Pin Capacitance
290256 – 15
Each C Should be Approximately 20 pF including Stray Capacitance
WAVEFORMS
READ OPERATIONDATA BUS BUFFER REGISTER
290256 – 16
WRITE OPERATIONDATA BUS BUFFER REGISTER
290256 – 17
CLOCK TIMING
290256 – 23
10
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com