Electronic Components Datasheet Search
  English  ▼

X  

8742 Datasheet(PDF) 1 Page - Intel Corporation

Part # 8742
Description  UNIVERSAL PERIPHERAL INTERFACE 8-BIT SLAVE MICROCONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8742 Datasheet(HTML) 1 Page - Intel Corporation

  8742 Datasheet HTML 1Page - Intel Corporation 8742 Datasheet HTML 2Page - Intel Corporation 8742 Datasheet HTML 3Page - Intel Corporation 8742 Datasheet HTML 4Page - Intel Corporation 8742 Datasheet HTML 5Page - Intel Corporation 8742 Datasheet HTML 6Page - Intel Corporation 8742 Datasheet HTML 7Page - Intel Corporation 8742 Datasheet HTML 8Page - Intel Corporation 8742 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
November 1991
Order Number 290256-001
8742
UNIVERSAL PERIPHERAL INTERFACE
8-BIT SLAVE MICROCONTROLLER
Y
8742 12 MHz
Y
Pin Software and Architecturally
Compatible with 8741A
Y
8-Bit CPU plus ROM RAM IO Timer
and Clock in a Single Package
Y
2048x8EPROM 128x8 RAM 8-Bit
TimerCounter 18 Programmable IO
Pins
Y
One 8-Bit Status and Two Data
Registers for Asynchronous Slave-to-
Master Interface
Y
DMA Interrupt or Polled Operation
Supported
Y
Fully Compatible with all Intel and Most
Other Microprocessor Families
Y
Expandable IO
Y
RAM Power-Down Capability
Y
Over 90 Instructions 70% Single Byte
Y
Available in EXPRESS
Standard Temperature Range
The Intel 8742 is a general-purpose Universal Peripheral Interface that allows designers to grow their own
customized solution for peripheral device control It contains a low-cost microcomputer with 2K of program
memory 128 bytes of data memory 8-bit timercounter and clock generator in a single 40-pin package
Interface registers are included to enable the UPI device to function as a peripheral controller in the MCS -48
MCS-51 MCS-80 MCS-85 8088 8086 and other 8- 16-bit systems
The 8742 is software pin and architecturally compatible with the 8741A The 8742 doubles the on-chip
memory space to allow for additional features and performance to be incorporated in upgraded 8741A de-
signs For new designs the additional memory and performance of the 8742 extends the UPI concept to more
complex motor control tasks 80-column printers and process control applications as examples
290256 – 2
Figure 1 Pin Configuration
1


Similar Part No. - 8742

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8742 BELDEN-8742 Datasheet
154Kb / 2P
Electronic, 3 Pr #22 Sol TC, PVC Ins, PVC Jkt, CMG
05-05-2023
logo
Christian Bürkert GmbH ...
8742 BURKERT-8742 Datasheet
3Mb / 28P
Mass Flow Controller (MFC)/ Mass Flow Meter (MFM) for gases
16.02.2024
8742 BURKERT-8742 Datasheet
1Mb / 11P
büS Distribution Box, IP65/ IP67/ IP69k
24.01.2023
logo
Belden Inc.
8742.0601000 BELDEN-8742.0601000 Datasheet
154Kb / 2P
Electronic, 3 Pr #22 Sol TC, PVC Ins, PVC Jkt, CMG
05-05-2023
8742.0605000 BELDEN-8742.0605000 Datasheet
154Kb / 2P
Electronic, 3 Pr #22 Sol TC, PVC Ins, PVC Jkt, CMG
05-05-2023
More results

Similar Description - 8742

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF84C00 PHILIPS-PCF84C00 Datasheet
143Kb / 24P
8-bit microcontroller with I2C-bus interface
1996 Nov 25
logo
Intel Corporation
UPI-41AH INTEL-UPI-41AH Datasheet
273Kb / 20P
UNIVERSAL PERIPHERAL INTERFACE 8-BIT SLAVE MICROCONTROLLER
UPI-C42 INTEL-UPI-C42 Datasheet
345Kb / 25P
UNIVERSAL PERIPHERAL INTERFACE CHMOS 8-BIT SLAVE MICROCONTROLLER
80C152JA INTEL-80C152JA Datasheet
262Kb / 17P
UNIVERSAL COMMUNICATION CONTROLLER 8-BIT MICROCONTROLLER
logo
Digital Core Design
DSPI DCD-DSPI Datasheet
94Kb / 6P
Serial Peripheral Interface - Master/Slave
DSPI-FIFO DCD-DSPI-FIFO Datasheet
95Kb / 6P
Serial Peripheral Interface Master/Slave with FIFO
DSPIS DCD-DSPIS Datasheet
139Kb / 5P
Serial Peripheral Interface - Slave
logo
TEMIC Semiconductors
TSC8051I2 TEMIC-TSC8051I2 Datasheet
469Kb / 2P
8-bit Microcontroller withI2C Interface
logo
Intel Corporation
EG87C42 INTEL-EG87C42 Datasheet
295Kb / 25P
UNIVERSAL PERIPHERAL INTERFACE CHMOS 8-BIT SLAVE MICROCONTROLLER
logo
Renesas Technology Corp
R1EX25512ASA00A RENESAS-R1EX25512ASA00A_15 Datasheet
1Mb / 22P
Serial Peripheral Interface 512K EEPROM (64-Kword 횞 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com