Electronic Components Datasheet Search
  English  ▼

X  

PPC01 Datasheet(PDF) 1 Page - Carlo Gavazzi Holding AG

Part # PPC01
Description  Monitoring Relays True RMS 3-Phase, 3-PhaseN, Multifunction
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

PPC01 Datasheet(HTML) 1 Page - Carlo Gavazzi Holding AG

  PPC01 Datasheet HTML 1Page - Carlo Gavazzi Holding AG PPC01 Datasheet HTML 2Page - Carlo Gavazzi Holding AG PPC01 Datasheet HTML 3Page - Carlo Gavazzi Holding AG PPC01 Datasheet HTML 4Page - Carlo Gavazzi Holding AG PPC01 Datasheet HTML 5Page - Carlo Gavazzi Holding AG PPC01 Datasheet HTML 6Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Supply:
Supply:
Supply:
Mounting Output
Frequency
100 to 115 VAC
208 to 240 VAC
380 to 415 VAC
DIN-rail
2 x SPDT
50 - 60 Hz
DPC 01 D M23
DIN-rail
2 x SPDT
50 - 400 Hz
DPC 01 D M11 400HZ
DPC 01 D M23 400HZ
DPC 01 D M48 400HZ
Plug-in
2 x SPDT
50 - 60 Hz
PPC 01 D M23
PPC 01 D M48
Supply:
Supply:
Supply:
Mounting Output
Frequency
440 to 480 VAC
380 to 480 VAC
600 to 690 VAC
DIN-rail
2 x SPDT
50 - 60 Hz
DPC 01 D M48
DPC 01 D M69
DIN-rail
2 x SPDT
50 - 400 Hz
DPC 01 D M49 400HZ
DPC 01 D M69 400HZ
Specifications are subject to change without notice (06.04.10)
1
Monitoring Relays
Product Description
Ordering key
Housing
Function
Type
Item number
Output
Power Supply
• TRMS 3-phase over and under voltage,
phase sequence, phase loss, asymmetry and
tolerance monitoring relay
• Detect when all 3 phases are present and have the
correct sequence
• Detect if all the 3-phase-phase or phase-neutral
voltages are within the set limits
• Detect if asymmetry and tolerance are within the set
value
• Separately adjustable setpoints
• Separately adjustable delay functions (0.1 to 30 s)
• Output: 2 x 8 A relay SPDT NE
• For mounting on DIN-rail in accordance with
DIN/EN 50 022 (DPC01) or plug-in module (PPC01)
• 45 mm Euronorm housing (DPC01) or 36 mm plug-in
module (PPC01)
• LED indication for relays, alarm and power supply ON
Type Selection
True RMS 3-Phase, 3-Phase+N, Multifunction
Types DPC01, PPC01
DPC 01 D M48
3-phase or 3-phase+neutral
line voltage monitoring relay
for phase sequence, phase
loss, asymmetry, tolerance,
over and under voltage (sep-
arately adjustable set points)
with built-in time delay func-
tion.
Supply ranges from 100 to
690 VAC covered by three
multivoltage relays.
DPC01
PPC01
Input Specifications
Input
L1, L2, L3, N
DPC01:
Terminals L1, L2, L3, N
PPC01:
Terminals 5, 6, 7, 11
Measure their own supply
Note: Connect the neutral only
if it is intrinsically at the star
centre
Measuring ranges
M11
85 to 132
∆VAC
M23
177 to 275
∆VAC
M48
DPC01
323 to 550
∆VAC
DPC01 400HZ
323 to 475
∆VAC
PPC01
323 to 475
∆VAC
M49
DPC01
375 to 550
∆VAC
M69
DPC01
510 to 793
∆VAC
Ranges
Upper level
+2 to +22%
of the nominal voltage
Lower level
-22 to -2%
of the nominal voltage
Asymmetry
2 to 22%
of the nominal voltage
Tolerance
2 to 22%
of the nominal voltage
Note: The input voltage must
not exceed the maximum rated
voltage or drop below the
minimum rated voltage
reported above.
Hysteresis
Set points from 2 to 5%
1%
Set points from 5 to 22%
2%


Similar Part No. - PPC01

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
PPC ALPHAWIRE-PPC Datasheet
110Kb / 1P
CUSTOMER PRODUCT SPECIFICATION
02/27/2018
logo
Advantech Co., Ltd.
PPC-100 ADVANTECH-PPC-100 Datasheet
274Kb / 2P
5x86-133 Panel PC with 10.4 TFT LCD Display
PPC-100T-BARE ADVANTECH-PPC-100T-BARE Datasheet
274Kb / 2P
5x86-133 Panel PC with 10.4 TFT LCD Display
PPC-100T-BARE-T ADVANTECH-PPC-100T-BARE-T Datasheet
274Kb / 2P
5x86-133 Panel PC with 10.4 TFT LCD Display
PPC-103DC-BBA-TE ADVANTECH-PPC-103DC-BBA-TE Datasheet
360Kb / 2P
10.4 Panel PC with Intel짰 Pentium짰 III/ Celeron짰 Processor
More results

Similar Description - PPC01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DPA01CM44 ETC2-DPA01CM44 Datasheet
115Kb / 3P
Monitoring Relays 3-Phase Sequence and Phase Loss
DPA55CM44 ETC2-DPA55CM44 Datasheet
85Kb / 3P
Monitoring Relays 3-Phase Voltage selection
DPA71DM23 ETC2-DPA71DM23 Datasheet
107Kb / 3P
Monitoring Relays 3-Phase Sequence and Phase Loss
DPB01CM23 ETC2-DPB01CM23 Datasheet
191Kb / 5P
Monitoring Relays True RMS 3-Phase, 3-PhaseN, Multi-function
DPB02CM23 ETC2-DPB02CM23 Datasheet
164Kb / 4P
Monitoring Relays True RMS 3-Phase, Phase Sequence/Loss - Asymmetry
DPB71CM23 ETC2-DPB71CM23 Datasheet
133Kb / 3P
Monitoring Relays True RMS 3-Phase, 3-PhaseN, Multi-function
DWA01CM235A ETC2-DWA01CM235A Datasheet
135Kb / 4P
Monitoring Relays 3-Phase Load Guard
DWB02CM2310A ETC2-DWB02CM2310A Datasheet
189Kb / 6P
Monitoring Relays 3-Phase Active power
logo
Extech Instruments Corp...
382075 EXTECH-382075 Datasheet
258Kb / 1P
3-Phase True RMS Clamp-On Power Analyzer
382075 EXTECH-382075_15 Datasheet
339Kb / 1P
3-Phase True RMS Clamp-On Power Analyzer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com