Electronic Components Datasheet Search
  English  ▼

X  

PPC01 Datasheet(PDF) 4 Page - Carlo Gavazzi Holding AG

Part # PPC01
Description  Monitoring Relays True RMS 3-Phase, 3-PhaseN, Multifunction
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

PPC01 Datasheet(HTML) 4 Page - Carlo Gavazzi Holding AG

  PPC01 Datasheet HTML 1Page - Carlo Gavazzi Holding AG PPC01 Datasheet HTML 2Page - Carlo Gavazzi Holding AG PPC01 Datasheet HTML 3Page - Carlo Gavazzi Holding AG PPC01 Datasheet HTML 4Page - Carlo Gavazzi Holding AG PPC01 Datasheet HTML 5Page - Carlo Gavazzi Holding AG PPC01 Datasheet HTML 6Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Specifications are subject to change without notice (06.04.10)
Operation Diagrams
DPC01, PPC01
Over and undervoltage monitoring (2 x SPDT relays)
Function/Range/Level/Time Setting (cont.)
Power-ON delay
ON:
6 s ± 0.5 s
OFF:
1 s ± 0.5 s
Monitoring
ON:
Phase-Neutral voltages
OFF:
Phase-Phase voltages
Output
ON:
2 x SPDT relays
OFF:
1 x DPDT relay
Function
ON:
Asymmetry and tolerance monitoring
OFF:
Over and undervoltage monitoring
Measuring range
SW3
ON
ON
OFF
OFF
SW4
ON
OFF
ON
OFF
M11 Ph-Ph
100 VAC 100 VAC 115 VAC
115 VAC
Voltage
M23 Ph-Ph
208 VAC 220 VAC 230 VAC
240 VAC
Voltage
M48 Ph-Ph
380 VAC 400 VAC 415 VAC
480 VAC
Voltage
DPC01 only
M48 Ph-N
220 VAC 230 VAC 240 VAC
277 VAC
Voltage
DPC01 only
M49 Ph-Ph
440 VAC 440 VAC 480 VAC
480 VAC
Voltage
M49 Ph-N
254 VAC 254 VAC 277 VAC
277 VAC
Voltage
DPC01DM69 600 VAC 600 VAC 690 VAC
690 VAC
Ph-Ph Volt.
DPC01DM69 347 VAC 347 VAC 400 VAC
400 VAC
Ph-N Volt.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com