Electronic Components Datasheet Search
  English  ▼

X  

PPC01 Datasheet(PDF) 3 Page - Carlo Gavazzi Holding AG

Part # PPC01
Description  Monitoring Relays True RMS 3-Phase, 3-PhaseN, Multifunction
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

PPC01 Datasheet(HTML) 3 Page - Carlo Gavazzi Holding AG

  PPC01 Datasheet HTML 1Page - Carlo Gavazzi Holding AG PPC01 Datasheet HTML 2Page - Carlo Gavazzi Holding AG PPC01 Datasheet HTML 3Page - Carlo Gavazzi Holding AG PPC01 Datasheet HTML 4Page - Carlo Gavazzi Holding AG PPC01 Datasheet HTML 5Page - Carlo Gavazzi Holding AG PPC01 Datasheet HTML 6Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Specifications are subject to change without notice (06.04.10)
3
Mode of Operation
Asymmetry definition.
Asymmetry is an indicator of
the mains quality and it is
defined as the absolute val-
ue of the maximum devia-
tion among the mains volt-
ages, divided by the nominal
voltage of the 3-phase sys-
tem. The definition changes
according to the voltage ref-
erence:
1) in case of measuring
phase-phase voltages:
max |
∆V
PH-PH|
V∆NOM
2) in case of measuring
phase-neutral voltages:
max |
∆V
PH-N|
V NOM
Tolerance definition.
Tolerance is another indicator
of the mains quality and it is
definied as the absolute val-
ue of the maximum deviation
of the mains voltages from
the nominal voltage, divided
by the nominal voltage of the
3-phase system. The defini-
tion changes according to
the voltage reference:
1) in case of measuring
phase-phase voltages:
max |V∆NOM - VPH-PH|
V∆NOM
2) in case of measuring
phase-neutral voltages:
max |V NOM - VPH-N|
V NOM
Connected to the 3 phases
(and
neutral)
DPC01
and
PPC01 operate when all 3
phases are present at the
same time and the phase
sequence is correct. It can
be decided whether to mon-
itor upper and lower voltage
level of each phase or their
asymmetry and tolerance.
Voltage level monitoring:
if one or more phase-phase
or
phase-neutral
voltage
exceed the upper set level
or drop below the lower set
level, the red LED starts
flashing
2
Hz
and
the
respective
output
relay
releases after the set time
period.
Asymmetry and tolerance
monitoring:
if one or more phase-phase
or
phase-neutral
voltage
exceed the set levels the red
LED starts flashing 2 Hz and
the respective output relay
releases after the set time
period.
Note: For both functions, if
the
phase
sequence
is
wrong or one phase is lost,
both output relays release
immediately. Only 200 ms
delay occurs. The failure is
indicated by the red LED
flashing 5 Hz during the
alarm condition.
Example 1
(Mains monitoring - over and
under phase-phase voltage)
The relay monitors over and
under voltage, phase loss
and
correct
phase
sequence.
Example 2
(Motor monitoring - starting
and operating load -asym-
metry
and
tolerance
of
phase-neutral voltage)
DPC01 and PPC01 ensure
correct starting and operat-
ing conditions. They monitor
the
voltage
level,
phase
sequence (correct direction
of the motor rotation) and
asymmetry.
Frequent failures are fuse
blowing and incorrect volt-
age level. In case of fuse
blowing the motor regener-
ates a voltage in the inter-
rupted
phase.
The
relay
detects the failure and reacts
due to excessive imbalance
among the phases.
DPC01, PPC01
Function/Range/Level/Time Setting
Adjust the input range set-
ting the DIP-switches 3 and
4. Select the desired func-
tion setting the DIP-switches
5 and 6 as shown below. To
access
the
DIP-switches
open the plastic cover using
a
screwdriver
as
shown
below.
Centre knobs:
Setting of upper ( ) and low-
er ( ) level or setting of
asymmetry (ASY) and toler-
ance (
) on relative scale.
Lower knobs:
Setting of delay on alarm
times (DELAY 1, DELAY 2)
on absolute scale:
0.1 to 30 s.
AL
1
3
0.1
30s
0.3
10
DELAY2
1
3
0.1
30s
0.3
10
DELAY1
2
22%
6
18
10
14
2
22%
6
18
10
14
/
1
3
0.1
30s
0.3
10
DELAY2
1
3
0.1
30s
0.3
10
DELAY1
2
22%
6
18
10
14
2
22%
6
18
10
14
/
AL
DPC01
DPC01 400 HZ
x 100
x 100
x 100
x 100
L1
N
L3
L2
max V
D
PH-N = V’
-V’
L3-N
L2-N
||
|
|
N’
V= V
L1-N
NOM
L2-N
L3-N
= V=V
L1
N
L3
L2
L1’
L3’
L2’
V’
L3-N
V’
L2-N
max V
D
PH-N = 0
ASY=0
|
Þ
|
max V
NOM-V
= V
-V’
= V
-V’
= V
-V’
PH-N
NOM
L1-N
NOM
L2-N
NOM
L3-N
|
|| || ||
|
max V
NOM
PH-N
NOM
L3-N
-V
= V
-V’
|
||
|
Example: phase-neutral monitoring
Example: phase-phase monitoring
AL
1
3
0.1
30s
0.3
10
DELAY2
1
3
0.1
30s
0.3
10
DELAY1
2
22%
6
18
10
14
2
22%
6
18
10
14
/
PPC01



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com