Electronic Components Datasheet Search
  English  ▼

X  

MS425 Datasheet(PDF) 6 Page - Cisco Systems, Inc.

Part # MS425
Description  40G fiber aggregation switches designed for large enterprise and campus networks
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CISCO [Cisco Systems, Inc.]
Direct Link  https://www.cisco.com/
Logo CISCO - Cisco Systems, Inc.

MS425 Datasheet(HTML) 6 Page - Cisco Systems, Inc.

  MS425 Datasheet HTML 1Page - Cisco Systems, Inc. MS425 Datasheet HTML 2Page - Cisco Systems, Inc. MS425 Datasheet HTML 3Page - Cisco Systems, Inc. MS425 Datasheet HTML 4Page - Cisco Systems, Inc. MS425 Datasheet HTML 5Page - Cisco Systems, Inc. MS425 Datasheet HTML 6Page - Cisco Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
meraki.com
MS425 specifications
Regulatory
CSA (US)
IC (Canada)
FCC (USA)
CE (Europe)
C-Tick (Australia/New Zealand)
RoHS
Warranty
Full lifetime hardware warranty with next-day advanced
replacement included
MTBF
MS425-16
284,423 hrs
MS425-32
287,587 hrs
Environment
Operating temp: 0°C to 40°C, Humidity: 5 to 95% non-condensing
Interfaces
16 or 32 x 1G SFP
4 x 10G SFP+
1x RJ45 Management port
MS425 Series Datasheet



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com