Electronic Components Datasheet Search
  English  ▼

X  

MS425 Datasheet(PDF) 5 Page - Cisco Systems, Inc.

Part # MS425
Description  40G fiber aggregation switches designed for large enterprise and campus networks
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CISCO [Cisco Systems, Inc.]
Direct Link  https://www.cisco.com/
Logo CISCO - Cisco Systems, Inc.

MS425 Datasheet(HTML) 5 Page - Cisco Systems, Inc.

  MS425 Datasheet HTML 1Page - Cisco Systems, Inc. MS425 Datasheet HTML 2Page - Cisco Systems, Inc. MS425 Datasheet HTML 3Page - Cisco Systems, Inc. MS425 Datasheet HTML 4Page - Cisco Systems, Inc. MS425 Datasheet HTML 5Page - Cisco Systems, Inc. MS425 Datasheet HTML 6Page - Cisco Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
meraki.com
Management
Managed via the Web with the Meraki cloud management platform
Integrated with Meraki Wireless and complete portfolio of IT products
and solutions
Zero-touch remote provisioning (no staging needed)
Detailed historical per-port and per-client usage statistics
Operating system, device, and hostname fingerprinting
SNMP and SYSLOG support for integration with other network
management solutions
Automatic firmware upgrades with scheduling control
MS425 specifications
Remote diagnostics
Email, SMS and mobile push notification alerts1
Ping, traceroute, cable testing, and link failure detection with alerting
Remote packet capture
Dynamic and interactive network discovery and topology
Combined event and configuration change logs with instant search
Stacking
Virtual Stacking supports thousands of switch ports in a single logical
stack for unified management, monitoring, and configuration
Physical stacking of up to 8 switches with 160 Gbps stack bandwidth
Flexible stacking on all interfaces and SFP+/QSFP+ accessory types,
up to 8 switches
Ethernet switching capabilities
802.1p Quality of Service, 8 queues (w/ 6 configurable for DSCP-to-
CoS mapping)
802.1Q VLAN and trunking support for up to 4,094 VLANs
802.1w, 802.1D Rapid Spanning Tree Protocol (RSTP, STP)
STP Enhancements: BPDU guard, Root guard, Loop guard, UDLD
Broadcast storm control
802.1ab Link Layer Discovery Protocol (LLDP) and Cisco Discovery
Protocol (CDP)
802.3ad Link aggregation with up to 8 ports per aggregate,
Multichassis aggregates supported on stacked switches
Port mirroring
IGMP snooping for multicast filtering
MAC Forwarding Entries: 28K
Performance
Non-blocking fabric
72/144 Gbps switching capacity on MS410-16/32
1.2 microsecond latency
Jumbo frame support (9578 ethernet frame)
Power
Power input: 100 - 240 VAC, 47-63 Hz
Power consumption: 98-136W
1
Requires carrier-supported email to SMS gateway
2
OSPF and Warm Spare do not operate concurrently (stacking is recommended for gateway redundancy)
Layer 3 capabilities
Static routing, OSFPv2
Multicast routing
Warm Spare (VRRP) 2
DHCP Relay, DHCP Server
MS425 Series Datasheet



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com