Electronic Components Datasheet Search
  English  ▼

X  

MS425 Datasheet(PDF) 1 Page - Cisco Systems, Inc.

Part # MS425
Description  40G fiber aggregation switches designed for large enterprise and campus networks
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CISCO [Cisco Systems, Inc.]
Direct Link  https://www.cisco.com/
Logo CISCO - Cisco Systems, Inc.

MS425 Datasheet(HTML) 1 Page - Cisco Systems, Inc.

  MS425 Datasheet HTML 1Page - Cisco Systems, Inc. MS425 Datasheet HTML 2Page - Cisco Systems, Inc. MS425 Datasheet HTML 3Page - Cisco Systems, Inc. MS425 Datasheet HTML 4Page - Cisco Systems, Inc. MS425 Datasheet HTML 5Page - Cisco Systems, Inc. MS425 Datasheet HTML 6Page - Cisco Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
meraki.com
Aggregation switching
with Meraki
The Cisco Meraki MS425 series extends cloud management
across the aggregation layer for medium-size networks with our
10/40G fiber aggregation switches.
As with our access layer switches, our aggregation switches
are built from the ground up to be easy to manage without
compromising any of the power and flexibility traditionally found
in enterprise-class switches.
To bring up a Meraki switch, simply plug it in. Meraki switches do
not require CLI for switch configuration or port management.
Meraki’s centralized management gives administrators granular
visibility into their network. Our dashboard helps you keep track
of every configuration change in your network with our detailed
event and change logs.
Product highlights
• Use any port to physically stack switches (flexible stacking)
• Aggregation switches to connect multiple access layer devices
for a more versatile network
• Available models with 16 or 32 x 10G SFP+ ports to support
small- and medium-size enterprises
• 40G uplink interfaces on all models
Industry-leading
cloud management
Cloud management has a number of benefits that make it easier
to build campus networks:
• Automatic email alerts from power loss, downtime, excessive
Layer 1 errors, or configuration changes
• Powerful remote diagnostic tools such as packet capture to
help isolate and troubleshoot network issues
• Firmware upgrades and enhancements from the Meraki cloud
• Virtual Stacking enables switch port configuration changes
on the dashboard interface without the need to physically
stack switches
• Incredible network transparency with application, operating
sys-tem, client, and hostname visibility
• Zero-touch provisioning for rapid deployment across sites
• Support for field replaceable, redundant power supplies
• Up to 800 G of switching capacity
• 6 configurable QoS queues for converged voice, video, and
data applications
• Integrated mounting brackets for rack mounting
• Lifetime hardware warranty and advanced replacement at no
additional cost
MS425 Series Datasheet
MS425 Series
40G fiber aggregation switches designed for
large enterprise and campus networks


Similar Part No. - MS425

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
MS420 EXTECH-MS420 Datasheet
288Kb / 1P
20MHz 2-Channel Digital Oscilloscope
logo
CIT Relay & Switch
MS4208 CIT-MS4208 Datasheet
126Kb / 1P
CIT SWITCH
MS4208L4 CIT-MS4208L4 Datasheet
126Kb / 1P
CIT SWITCH
MS4208L6 CIT-MS4208L6 Datasheet
126Kb / 1P
CIT SWITCH
logo
Extech Instruments Corp...
MS420 EXTECH-MS420_15 Datasheet
271Kb / 1P
20MHz 2-Channel Digital Oscilloscope
More results

Similar Description - MS425

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC5503PRI INTERSIL-HC5503PRI Datasheet
279Kb / 8P
Low Cost SLIC For Large Telecom Switches
November 2, 2004
logo
Bi technologies
627V100 BITECH-627V100 Datasheet
53Kb / 4P
Designed For Pentium Power Supply Surface Mount Resistor Networks
logo
Texas Instruments
SN65HVD256DR TI-SN65HVD256DR Datasheet
909Kb / 28P
Turbo CAN Transceivers for Higher Data Rates and Large Networks Including Features
logo
Welwyn Components Limit...
627V100TR4 WELWYN-627V100TR4 Datasheet
192Kb / 4P
Designed For Pentium짰 Power Supply Surface Mount Resistor Networks
logo
Intersil Corporation
HC5503PRCB INTERSIL-HC5503PRCB Datasheet
260Kb / 11P
Low Cost SLIC For Large Telecom Switches
June 2004
logo
Glenair, Inc.
050_501 GLENAIR-050_501 Datasheet
703Kb / 13P
Copper to Fiber Aggregation Media Converter
050-501 GLENAIR-050-501 Datasheet
703Kb / 13P
Copper to Fiber Aggregation Media Converter
logo
Laird Tech Smart Techno...
S24517PT LSTD-S24517PT Datasheet
700Kb / 1P
Designed specifically to support 802.11n networks
S57212AMP-51512 LSTD-S57212AMP-51512 Datasheet
551Kb / 1P
CAMPUS AND IN-BUILDING DIRECTIONAL ANTENNAS
logo
Router-switch Ltd.
JL675A ROUTER-SWITCH-JL675A Datasheet
114Kb / 4P
The Aruba CX 6100 Switch Series is modern family of entry level access switches ideal for enterprise branch offices and SMB networks.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com