Electronic Components Datasheet Search
  English  ▼

X  

TTF300 Datasheet(PDF) 2 Page - ABB

Part # TTF300
Description  Field-mount temperature transmitter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

TTF300 Datasheet(HTML) 2 Page - ABB

  TTF300 Datasheet HTML 1Page - ABB TTF300 Datasheet HTML 2Page - ABB TTF300 Datasheet HTML 3Page - ABB TTF300 Datasheet HTML 4Page - ABB TTF300 Datasheet HTML 5Page - ABB TTF300 Datasheet HTML 6Page - ABB TTF300 Datasheet HTML 7Page - ABB TTF300 Datasheet HTML 8Page - ABB TTF300 Datasheet HTML 9Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
2
TTF300 FIELD-MOUNT TEMPERATURE TRANSMITTER | DS/TTF300-EN REV. H
TTF300 FIELD-MOUNT TEMPERATURE TRANSMITTER | DS/TTF300-EN REV. H
31
—
Measurement made easy
Temperature transmitter for all
communications protocols.
Redundancy thanks to two inputs
—
Reliable temperature measurement for the highest demands
• High accuracy, reliability and durability
• Specific sensor linearization via Callendar-Van Dusen coefficients and with
value pair table (32 points)
• Suited for use in harsh environments from −50 °C (−58 °F)
—
Input circuit and communication
• Two universal sensor inputs for resistance thermometers (e.g. 2 x Pt100 in
three-wire circuit) and thermocouples
• 4 to 20 mA, HART, PROFIBUS PA, FOUNDATION Fieldbus
—
Safety
• Global approvals for explosion protection up to Zone 0
• Functional safety SIL 2 / SIL 3 in accordance with IEC 61508 (HART)
• Device versioning in accordance with NE 53
• Monitoring of the 4 to 20 mA loop current
• Wire break / corrosion monitoring in accordance with NE 89
• Sensor drift monitoring
• Device status signaling and freely configurable diagnostic categorization with
diagnostic history according to NE 107
—
Configuration and tracking
• Supports DTM, EDD, and FDI standard
• Event monitor for the logging of critical events
• Configuration monitor for configuration changes
• Turnable LCD indicator with operating buttons (optional)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com