Electronic Components Datasheet Search
  English  ▼

X  

TTF300 Datasheet(PDF) 12 Page - ABB

Part # TTF300
Description  Field-mount temperature transmitter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

TTF300 Datasheet(HTML) 12 Page - ABB

Back Button TTF300 Datasheet HTML 8Page - ABB TTF300 Datasheet HTML 9Page - ABB TTF300 Datasheet HTML 10Page - ABB TTF300 Datasheet HTML 11Page - ABB TTF300 Datasheet HTML 12Page - ABB TTF300 Datasheet HTML 13Page - ABB TTF300 Datasheet HTML 14Page - ABB TTF300 Datasheet HTML 15Page - ABB TTF300 Datasheet HTML 16Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
12
TTF300 FIELD-MOUNT TEMPERATURE TRANSMITTER | DS/TTF300-EN REV. H
—
… Specification
Operating influence
The percentages refer to the configured measuring span.
Input terminal voltage effect / load effect:
Within the specified limit values for the voltage / load, the total influence is less than 0.001 % per volt.
Normal-mode rejection ratio:
> 65 dB at 50 / 60 Hz
Common-mode rejection ratio:
> 120 dB at 50 / 60 Hz
Ambient temperature influence:
Based on 23 °C (73.4 °F) for an ambient temperature range of −40 to 85 °C (−40 to 185 °F)1)
Sensor
Ambient temperature effect per 1 °C (1.8 °F) deviation from 23 °C (73.4 °F)
Input2)
(24-bit A / D converter)
Analog output3), 4)
(16 bit DA-converter)
Resistance thermometer for two-, three- and four-wire circuits
IEC, JIS, MIL
Pt10
±0.04 °C (±0.072 °F)
± 0.003%
Pt50
±0.008 °C (±0.014 °F)
± 0.003%
Pt100
±0.004 °C (±0.007 °F)
± 0.003%
IEC, MIL
Pt200
±0.02 °C (±0.036 °F)
± 0.003%
Pt500
±0.008 °C (±0.014 °F)
± 0.003%
Pt1000
±0.004 °C (±0.007 °F)
± 0.003%
DIN 43760
Ni50
±0.008 °C (±0.014 °F)
± 0.003%
Ni100
±0.004 °C (±0.007 °F)
± 0.003%
Ni120
± 0.003 °C (± 0.005 °F)
± 0.003%
Ni1000
±0.004 °C (±0.007 °F)
± 0.003%
OIML R 84
Cu10
±0.04 °C (±0.072 °F)
± 0.003%
Cu100
±0.004 °C (±0.007 °F)
± 0.003%
Resistance measurement
0 to 500 Ω
±0.002 Ω
± 0.003%
0 to 5000 Ω
±0.02 Ω
± 0.003%
Thermocouple, for all defined types
± [(0.001 % × (ME[mV] / MS[mV]) + (100 % × (0.009 °C / MS [°C])]5)
± 0.003%
Voltage measurement
−125 to 125 mV
±1.5 µV
± 0.003%
−125 to 1100 mV
±15 µV
± 0.003%
1) For the optionally extended ambient temperature range down to −50 °C (−58 °F), twice the influence values apply in the range from −50 to −40 °C
(−58 to −40 °F)
2) Typical values
3) Percentages refer to the configured measuring span of the analog output signal
4) Influence DA-converter not applicable for PROFIBUS PA® and FOUNDATION Fieldbus®
5) Percentages refer to the configured measuring span
ME = voltage value of the thermocouple at the upper range value in accordance with the standard
MA = voltage value of the thermocouple at the lower range value in accordance with the standard
MS = voltage value of the thermocouple over the measuring span in accordance with the standard. MS = (ME - MA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com