Electronic Components Datasheet Search
  English  ▼

X  

TTF300 Datasheet(PDF) 21 Page - ABB

Part # TTF300
Description  Field-mount temperature transmitter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

TTF300 Datasheet(HTML) 21 Page - ABB

Back Button TTF300 Datasheet HTML 17Page - ABB TTF300 Datasheet HTML 18Page - ABB TTF300 Datasheet HTML 19Page - ABB TTF300 Datasheet HTML 20Page - ABB TTF300 Datasheet HTML 21Page - ABB TTF300 Datasheet HTML 22Page - ABB TTF300 Datasheet HTML 23Page - ABB TTF300 Datasheet HTML 24Page - ABB TTF300 Datasheet HTML 25Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
TTF300 FIELD-MOUNT TEMPERATURE TRANSMITTER | DS/TTF300-EN REV. H
21
Temperature data
Transmitter
ATEX / IECEx intrinsic safety, ATEX increased safety as
well as dust explosion protection (Zone 22)
Temperature class
Permissible ambient temperature range
T6, T5
−50 to 56 °C
(−58 to 132.8 °F)
T4 to T1
−50 to 85 °C
(−58 to 185.0 °F)
ATEX / IECEx flameproof (enclosure)
Temperature class
Permissible ambient temperature range on the
connection head
T6
−40 to 67 °C
(−40 to 152 °F)
T4 to T1
−40 to 85 °C
(−40 to 185 °F)
LCD indicator
ATEX / IECEx intrinsic safety
Temperature class
Permissible ambient temperature range
T6
−50 to 56 °C
(−58 to 132.8 °F)
T4 to T1
−50 to 85 °C
(−58 to 185 °F)
Electrical data
Transmitter
Intrinsic safety type of protection Ex ia IIC (Part 1)
Supply circuit
TTF300-E1H
TTF300-H1H
TTF300-E1P/-H1P
TTF300-E1F/-H1F
FISCO*
ENTITY
Max. voltage
Ui = 30 V
Ui ≤ 17.5 V
Ui ≤ 24.0 V
Short-circuit current
Ii = 130 mA
Ii ≤ 183 mA*
Ii ≤ 250 mA
Max. power
Pi = 0.8 W
Pi ≤ 2.56 W*
Pi ≤ 1.2 W
Internal inductance
Li = 160 μH**
Li ≤ 10 μHLi ≤ 10 μH
Internal capacitance
Ci = 0.57 nF***
Ci ≤ 5 nF
Ci ≤ 5 nF
*
II B FISCO: Ii ≤ 380 mA, Pi ≤ 5.32 W
** Only applies to HART variant. From HW-Rev.: 02.00, previously 0.5 mH
*** Only applies for HART variants. From HW-Rev.: 1.07, previously 5 nF
Intrinsic safety type of protection Ex ia IIC (Part 2)
TTF300-E1H, TTF300-H1H measurement current circuit model
Resistance
thermometers, resistors
Thermocouples,
voltages
Max. voltage
Uo = 6.5 V
Uo = 1.2 V
Short-circuit current
Io = 17.8 mA1
Io = 50 mA
Max. power
Po = 29 mW2
Po = 60 mW
Internal inductance
Li ≈ 0 mH
(negligible)
Li ≈ 0 mH
(negligible)
Internal capacitance
Ci = 49 nF
Ci = 49 nF
Maximum permissible
external inductance
Lo = 5 mH
Lo = 5 mH
Maximum permissible
external capacitance
Co = 1.65 μF3
Co = 1.15 μF4
1
From HW-Rev.: 02.00, previously 25 mA
2
From HW-Rev.: 02.00, previously 38 mW
3
From HW-Rev.: 02.00, previously 1.55 μF
4
From HW-Rev.: 02.00, previously 1.05 μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com