Electronic Components Datasheet Search
  English  ▼

X  

PCD5041 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PCD5041
Description  DECT burst mode controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5041 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PCD5041 Datasheet HTML 11Page - NXP Semiconductors PCD5041 Datasheet HTML 12Page - NXP Semiconductors PCD5041 Datasheet HTML 13Page - NXP Semiconductors PCD5041 Datasheet HTML 14Page - NXP Semiconductors PCD5041 Datasheet HTML 15Page - NXP Semiconductors PCD5041 Datasheet HTML 16Page - NXP Semiconductors PCD5041 Datasheet HTML 17Page - NXP Semiconductors PCD5041 Datasheet HTML 18Page - NXP Semiconductors PCD5041 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
1996 Oct 31
15
Philips Semiconductors
Objective specification
DECT burst mode controller
PCD5041
The ‘DPLL_sync’ indication should only be used, when
‘SlotSync’ is active. It indicates that the last 4 bits of the
pre-amble field (the training sequence) are received
correctly, and thus indicates that the DPLL was in lock
(synchronized) in time. If the ‘SlotSync’ is active, and the
‘DPLL_sync’ is not, then a sliding interferer might have
been detected.
If ‘SlotSync’ is not detected, effectively no data is received
in that slot. This implies a ‘fast mute’ because speech data
received in the previous frame is not destroyed.
6.5.9
CIPHERING MACHINE
The description of the cipher machine is subject to
confidentiality. The specification of its algorithms are
delivered by ETSI under the terms of a Non-Disclosure
Agreement.
The cipher machine is under control of the TBC, which is
implemented in the PCC. The cipher machine generates
2 fields of ciphering bits:
• A_cipher (40 bits) for A-field messages (ciphers tail
only)
• B_cipher (320 bits) for speech in B-field.
The transmitted ciphered bits are then:
• A_ciphered: = A XOR A_cipher
• B_ciphered: = B XOR B_cipher.
On reception by the peer end point, deciphering consists
of the same operation thanks to the synchronous
generation of A_cipher and B_cipher.
The cipher machine is time-multiplexed on a slot basis.
Initially, the Initialisation Vector (IV) and the key must be
loaded into the cipher machine. Transfer of the IV and key
from the common data area to the cipher machine is done
Fig.11 Cipher machine and its sources.
handbook, halfpage
MBH714
KEY
64 BITS
CIPHER
MACHINE
A_cipher
(40 bits)
B_cipher
(320 bits)
KEY
64 BITS
automatically by the cipher machine. The contents of the
memory space where IV and key are found, are the
responsibility of the PCC, and the external
microprocessor.
6.5.10
COMPARATOR/DATA SLICER ON PCD5041HZ
The PCD5041HZ contains a comparator/data slicer.
The comparator is a stand-alone circuit. No connections
other than power supply are made internally. The
comparator can be used as a data slicer for the receiver
input. The delay requirements listed in Chapter 8 were
derived from this application. Another use of the
comparator is in a successive approximation A/D
converter to indicate battery low-voltage condition, or in a
power-on-reset circuit.
When the signal COMP_NE is LOW the comparator is
enabled. When COMP_NE is HIGH the comparator is
disabled, and the circuit consumes no power. If the
comparator is used as a data slicer for the receiver input,
the R_DATA is connected to COMP_OUT, the COMP_NE
is connected to R_ENABLE, both connection are done
externally. The pin COMP_INP is connected to the RF
mixer. A proper bias voltage (from the slicer time constant
control circuit) is connected to COMP_INM. Another use of
the comparator is in a successive approximation A/D
converter for battery voltage detection.
The pins are protected against ESD damaging, with a
protection diode to the positive and negative supply rail.
The input pin COMP_NE has a pull-up resistor which
keeps the comparator in power-down mode by default.
Fig.12 Circuit schematic of the comparator/data
slicer.
handbook, halfpage
MBH715
COMP_INP
COMP_INM
COMP_OUT
COMP_NE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com