Electronic Components Datasheet Search
  English  ▼

X  

E5515 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # E5515
Description  The ams OSRAM OSIRE KRTB AELPS1.32 RGB sidelooker device is specifically designed for automotive interior applications.
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

E5515 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button E5515 Datasheet HTML 3Page - OSRAM GmbH E5515 Datasheet HTML 4Page - OSRAM GmbH E5515 Datasheet HTML 5Page - OSRAM GmbH E5515 Datasheet HTML 6Page - OSRAM GmbH E5515 Datasheet HTML 7Page - OSRAM GmbH E5515 Datasheet HTML 8Page - OSRAM GmbH E5515 Datasheet HTML 9Page - OSRAM GmbH E5515 Datasheet HTML 10Page - OSRAM GmbH E5515 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
KRTB AELPS1.32
DATASHEET
DATASHEET
7 | Version 1.3 | 2022-09-21
Wavelength Groups
● red
Group
Dominant Wavelength 3)
Dominant Wavelength 3)
min.
max.
λ
dom
λ
dom
JP
620 nm
625 nm
MT
623 nm
629 nm
RW
627 nm
632 nm
Wavelength Groups
● true green
Group
Dominant Wavelength 3)
Dominant Wavelength 3)
min.
max.
λ
dom
λ
dom
DJ
519 nm
524 nm
FL
521 nm
526 nm
JP
524 nm
529 nm
LR
526 nm
531 nm
PU
529 nm
534 nm
RW
531 nm
536 nm
U3
534 nm
541 nm
18
539 nm
546 nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com