Electronic Components Datasheet Search
  English  ▼

X  

E5515 Datasheet(PDF) 18 Page - OSRAM GmbH

Part # E5515
Description  The ams OSRAM OSIRE KRTB AELPS1.32 RGB sidelooker device is specifically designed for automotive interior applications.
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

E5515 Datasheet(HTML) 18 Page - OSRAM GmbH

Back Button E5515 Datasheet HTML 14Page - OSRAM GmbH E5515 Datasheet HTML 15Page - OSRAM GmbH E5515 Datasheet HTML 16Page - OSRAM GmbH E5515 Datasheet HTML 17Page - OSRAM GmbH E5515 Datasheet HTML 18Page - OSRAM GmbH E5515 Datasheet HTML 19Page - OSRAM GmbH E5515 Datasheet HTML 20Page - OSRAM GmbH E5515 Datasheet HTML 21Page - OSRAM GmbH E5515 Datasheet HTML 22Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
KRTB AELPS1.32
DATASHEET
DATASHEET
18 | Version 1.3 | 2022-09-21
Forward Voltage 6)
ΔV
F = VF - VF(25 °C) = f(Tj); IF = 20 mA
KRTB AELPS1.32 EN
-40-20 020406080 100 120
Tj /°C
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
∆VF /V
:red
Forward Voltage 6)
ΔV
F = VF - VF(25 °C) = f(Tj); IF = 20 mA
KRTB AELPS1.32 EN
-40-20 020406080 100 120
Tj /°C
-0.2
0.0
0.2
0.4
∆VF /V
:truegreen
Forward Voltage 6)
ΔV
F = VF - VF(25 °C) = f(Tj); IF = 20 mA
KRTB AELPS1.32 EN
-40-20 020406080 100 120
Tj /°C
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
∆VF /V
:blue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com