Electronic Components Datasheet Search
  English  ▼

X  

E5515 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # E5515
Description  The ams OSRAM OSIRE KRTB AELPS1.32 RGB sidelooker device is specifically designed for automotive interior applications.
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

E5515 Datasheet(HTML) 5 Page - OSRAM GmbH

  E5515 Datasheet HTML 1Page - OSRAM GmbH E5515 Datasheet HTML 2Page - OSRAM GmbH E5515 Datasheet HTML 3Page - OSRAM GmbH E5515 Datasheet HTML 4Page - OSRAM GmbH E5515 Datasheet HTML 5Page - OSRAM GmbH E5515 Datasheet HTML 6Page - OSRAM GmbH E5515 Datasheet HTML 7Page - OSRAM GmbH E5515 Datasheet HTML 8Page - OSRAM GmbH E5515 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
KRTB AELPS1.32
DATASHEET
DATASHEET
5 | Version 1.3 | 2022-09-21
Characteristics
I
F = 20 mA; TS = 25 °C
Parameter
Symbol
Values
Values
Values
● red
● true green
● blue
Peak Wavelength
λ
peak
typ.
632 nm
523 nm
462 nm
Dominant Wavelength 3)
λ
dom
min.
typ.
max.
620 nm
625 nm
632 nm
519 nm
528 nm
546 nm
447 nm
465 nm
476 nm
Spectral bandwidth at 50% I
rel,max
∆λ
typ.
18 nm
33 nm
25 nm
Viewing angle at 50% I
V
2φ
typ.
120 °
120 °
120 °
Forward Voltage 4)
I
F = 20 mA
V
F
min.
typ.
max.
1.60 V
1.95 V
2.30 V
2.10 V
2.60 V
3.00 V
2.50 V
2.85 V
3.20 V
Real thermal resistance junction/sol-
derpoint 5)
R
thJS real
typ.
max.
53 K / W
78 K / W
38 K / W
52 K / W
30 K / W
48 K / W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com