Electronic Components Datasheet Search
  English  ▼

X  

AD223 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AD223
Description  TRANSFER PET MATT WHITE S8030-BG42WH FSC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AD223 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AD223 Datasheet HTML 1Page - List of Unclassifed Manufacturers AD223 Datasheet HTML 2Page - List of Unclassifed Manufacturers AD223 Datasheet HTML 3Page - List of Unclassifed Manufacturers AD223 Datasheet HTML 4Page - List of Unclassifed Manufacturers AD223 Datasheet HTML 5Page - List of Unclassifed Manufacturers AD223 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SpecCode:AD223|EANCode:8712739306446
Appendix
UL recognition
This product meets the requirements as stated in UL 969 and is UL recognized for indoor use.
The UL file number is MH27538. For specific information on approved conditions, see appendix.
Performance Data
Note: the following technical data should be considered representative or typical only and should not be used
for specification purposes.
Peel Adhesion:
FTM1: 180°, 300 mm/min, dwell time: 48 hours
Surface
N/25mm
ABS
13,0
Aluminium
13,0
Automotive lacquered panels
14,0
Glass
14,5
HDPE
10,0
LDPE
8,0
PA6
13,0
Stainless Steel
15,0
Chemical Resistance:
The performance results are based on 4 hours immersions at room temperature unless otherwise noted.
Samples were applied to the test panel and conditioned for 24 hours before immersion and evaluated
immediately upon removal. Peel adhesion was measured according to FTM1.
Chemical
Test Substrate
N/25mm
Visual
appearance
Edge
Penetration
Ad Blue
Aluminium
14,0
No change
0 mm
Biodiesel
Glass
13,9
No change
0 mm
Bioethanol E85
Glass
13,1
No change
2 mm
Brake Fluid
Glass
12,0
No change
0 mm
Diesel
Glass
13,0
No change
0 mm
Engine Oil
Glass
12,5
No change
0 mm
Gasoline
Glass
9,0
No change
4 mm
Heptane
Glass
8,0
No change
4 mm
Water, distilled
Aluminium
10,0
No change
0 mm
Chemicals:
Ad Blue: Aral,
Bioethanol E85: CropEnergies CropPower85,
Brake Fluid: DOT 4 Synthetic (One Way)
Diesel: TOTAL,
Engine Oil: TOTAL quartz 700, 10 W 40,
Gasoline: TOTAL Euro 95
IssueDate:November-2023



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com