Electronic Components Datasheet Search
  English  ▼

X  

AD223 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AD223
Description  TRANSFER PET MATT WHITE S8030-BG42WH FSC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AD223 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AD223 Datasheet HTML 1Page - List of Unclassifed Manufacturers AD223 Datasheet HTML 2Page - List of Unclassifed Manufacturers AD223 Datasheet HTML 3Page - List of Unclassifed Manufacturers AD223 Datasheet HTML 4Page - List of Unclassifed Manufacturers AD223 Datasheet HTML 5Page - List of Unclassifed Manufacturers AD223 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SpecCode:AD223|EANCode:8712739306446
Facestock
Awhitepolyesterfilm;thesurfaceiscoveredwithanabsorbing,
matttopcoatforverygoodinkanchorage.
Adhesive
S8030 is a high strength permanent solvent based acrylic
adhesive.
Liner
BG42white,asupercalenderedglassinepaper.
The liner is made from FSC® certified paper (FSC Mix Credit,
chain-of-custody number: CU-COC-807907, Licence Code:
FSC-C004451).
Laminate
PerformanceData
AdhesivePerformance
S8030 features a balanced adhesive performance on a wide
varietyofsubstratesincludinglowenergyplasticscombinedwith
goodchemicalresistance.
ApplicationsandUse
Transfer PET matt white was specially developed for labels on
Durables Goods, especially in the automotive industry, but also
in other segments. Identification labels and logistical labels are
the main applications. When printed with high quality thermal
transfer ribbons, very high chemical resistance of the print can
beachieved.
This all-round performing product provides good adhesion onto
low surface energy plastics combined with the long term
durabilityexpectedfromasolventacrylicadhesive.
ConversionandPrinting
Thanks to the special surface coating, excellent results can be
achieved with thermal transfer printers equipped with
conventionalornear-edgeprintheadsandusingeitherwax/resin
orpureresinribbons.Inadditiontheproductcanalsobeprinted
by all conventional roll label techniques, such as flexo, UV
letterpress, silkscreen. Specific testing is required. For easy
diecuttingsharpcornersshouldbeavoided.
BasisWeight
74g/m²
ISO536
Caliper
55µm
ISO534
BasisWeight
63g/m²
ISO536
Caliper
56µm
ISO534
Transparency
50%
DIN53147
TotalCaliper
130µm±10% ISO534
InitialTack
16N/25mm FTM9Glass
PeelAdhesion90°
12N/25mm FTM2st.st.
Min.ApplicationTemp.
7°C
ServiceTemperature
-40°Cto150
°C
AdhesiveCoatWeight
24g/m²
FTM12
AdhesiveType
SolventAcrylic
AD223
Fasson®
TRANSFERPETMATTWHITE
S8030-BG42WHFSC
This is an automatically generated datasheet. All data to be considered as typical
values and subject to change without prior notice. Further testing is always
recommended.
Ifyouwouldliketomakeasuggestionorcommentonthisdatasheet,pleasesendan
email to datasheet.mgmt@eu.averydennison.com
TRANSFERPETMATT
WHITE
S8030
BG42WHFSC
IssueDate:November-2023


Similar Part No. - AD223

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AD223-00 ETC2-AD223-00 Datasheet
159Kb / 12P
Package Drawings and Specifications
logo
Analog Devices
AD22301 AD-AD22301 Datasheet
171Kb / 12P
Single-Axis, High-g, iMEMS ccelerometers
REV. B
AD22304 AD-AD22304 Datasheet
530Kb / 12P
짹80째/s Single Chip Yaw Rate Gyro with Signal Conditioning
Rev. 0-Preliminary
logo
celduc-relais
AD223540 CELDUC-AD223540 Datasheet
365Kb / 2P
NORMALEMENT OUVERT, CONTACT SEC
More results

Similar Description - AD223

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8749S TOSHIBA-TA8749S Datasheet
158Kb / 4P
4 fsc CLOCK GENERATOR
logo
Elantec Semiconductor
EL4584C ELANTEC-EL4584C Datasheet
275Kb / 16P
Horizontal Genlock, 4 FSC
logo
List of Unclassifed Man...
8765 ETC-8765 Datasheet
71Kb / 4P
Reflective Material 8765 White Transfer Film
LDECA2270 ETC1-LDECA2270 Datasheet
499Kb / 8P
PEN-PET H.T
logo
FERYSTER Inductive Comp...
ETD29-K-H-5-08 FERYSTER-ETD29-K-H-5-08 Datasheet
141Kb / 1P
PET FR530
ETD39-K-V-16P FERYSTER-ETD39-K-V-16P Datasheet
127Kb / 1P
PET FR530
logo
Ledil, Inc.
CN17226 LEDIL-CN17226 Datasheet
2Mb / 3P
~80째 beam. 7X1 variant in matt white.
CN17227 LEDIL-CN17227 Datasheet
2Mb / 3P
~50째 beam. 7X1 variant in matt white.
CN17177 LEDIL-CN17177 Datasheet
6Mb / 4P
~80째 wide beam. 8X1 variant in matt white.
CN17178 LEDIL-CN17178 Datasheet
6Mb / 4P
~50째 wide beam. 8X1 variant in matt white.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com