Electronic Components Datasheet Search
  English  ▼

X  

AD223 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AD223
Description  TRANSFER PET MATT WHITE S8030-BG42WH FSC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AD223 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AD223 Datasheet HTML 1Page - List of Unclassifed Manufacturers AD223 Datasheet HTML 2Page - List of Unclassifed Manufacturers AD223 Datasheet HTML 3Page - List of Unclassifed Manufacturers AD223 Datasheet HTML 4Page - List of Unclassifed Manufacturers AD223 Datasheet HTML 5Page - List of Unclassifed Manufacturers AD223 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SpecCode:AD223|EANCode:8712739306446
Appendix
Thermal Transfer Printing:
Printability
– Physical Resistance
Flat head printers (tests were performed with the printer Zebra XII 140):
Ribbon
Settings
speed energy
Print Quality
ANSI Grade
Scratch
resistance
Tape
resistance
inkanto AXR7+
4
15
+
A
++
++
DNP R300
3
15
++
A
++
+
Iimak SP330
3
15
++
A
++
o
ITW B324
3
15
+
A
++
o
Ricoh B110A
5
15
++
A
++
++
Ricoh B110CX
3
15
+
A
++
++
Near edge printers (tests were performed with the printer Avery TTX 450
– Near Edge):
Ribbon
Settings
Print Quality
ANSI Grade
Scratch
resistance
Tape
resistance
inkanto APR 600
4
”/s
o
C
++
-
DNP TR4500
4
”/s
++
B
++
-
Ricoh B120 Ex2
4
”/s
+
B
++
-
ANSI (American National Standards Institute) Grade: information about barcode quality
A: excellent B: good C: acceptable D: readable with difficulty
++: excellent +: good o: acceptable
-: poor
Chemical Resistance
The printed samples were wetted on the surface with a soft clean cotton cloth soaked in the test solution by wiping 10
times back and forth with light pressure. After 5 seconds they were dried with a clean dry soft cloth. After 15 minutes the
evaluation took place.
+: good (no change) o: acceptable (minor change, still readable)
-: poor
Chemicals:
Ad Blue: Aral, Anti-Freeze: Speedfrost "Speedfroil" 1:1 in water,
Bioethanol E85: CropEnergies CropPower85
Brake Fluid: DOT 4 Synthetic (One Way),
Cleaner Solvent::
“Caramba” Cold Cleaner,
Engine Oil: TOTAL quartz 700, 10 W 40
Gasoline: TOTAL Euro 95,
Hard Wax Polish:
„Nigrin“ Hard Wax Polish
AXR7+
R300
SP330
B324
B110A
B110
CX
APR
600
TR
4500
B120E
Ad Blue
+
+
+
+
+
+
+
+
+
Anti-Freeze
+
+
+
+
+
+
o
o
o
Biodiesel
+
+
+
+
o
+
-
-
-
Bioethanol E85
+
+
+
+
o
+
-
-
-
Brake fluid
o
o
+
+
o
o
o
o
o
Cleaner solvent
+
+
+
+
+
+
-
-
-
Engine oil
+
+
+
+
+
+
+
+
+
Gasoline
o
o
o
o
o
o
-
-
-
Hard wax polish
+
+
+
+
+
o
-
-
-
Isopropanol
+
+
+
+
+
+
o
o
o
Spirit
+
+
+
+
+
o
o
o
o
IssueDate:November-2023



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com