Electronic Components Datasheet Search
  English  ▼

X  

AH503 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # AH503
Description  High sensitivity Unipolar Hall switch sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AH503 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button AH503 Datasheet HTML 4Page - List of Unclassifed Manufacturers AH503 Datasheet HTML 5Page - List of Unclassifed Manufacturers AH503 Datasheet HTML 6Page - List of Unclassifed Manufacturers AH503 Datasheet HTML 7Page - List of Unclassifed Manufacturers AH503 Datasheet HTML 8Page - List of Unclassifed Manufacturers AH503 Datasheet HTML 9Page - List of Unclassifed Manufacturers AH503 Datasheet HTML 10Page - List of Unclassifed Manufacturers AH503 Datasheet HTML 11Page - List of Unclassifed Manufacturers AH503 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AH503
High sensitivity Unipolar Hall switch sensor
REV1.2
06/2023
www.alfaelecs.com
西安中科阿尔法电子科技有限公司
8
13.Characteristic Performance
VCC=5V,Bop and Brp
Characteristic Performance
VCC=5V,
Supply current Characteristic Performance
Different temperature and supply voltage, Supply current Characteristic Performance
0.000
0.500
1.000
1.500
2.000
2.500
3.000
-40 -20
0
25
50
75 100 125 150
temperature(
℃)
Ivsup
30
35
40
45
50
55
60
-40 -20 0
25 50 75 100 125 150
temperature(
℃)
BOP
Brp
2
2.05
2.1
2.15
2.2
2.25
2.3
2.35
2.4
2.45
2.5
2.55
2.6
2.65
2.7
-40
-20
0
25
50
75
100
125
150
temperature(
℃)
VDD=2.7V
VDD=5V
VDD=12V
VDD=24V
VDD=30V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com