Electronic Components Datasheet Search
  English  ▼

X  

AH503 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # AH503
Description  High sensitivity Unipolar Hall switch sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AH503 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button AH503 Datasheet HTML 4Page - List of Unclassifed Manufacturers AH503 Datasheet HTML 5Page - List of Unclassifed Manufacturers AH503 Datasheet HTML 6Page - List of Unclassifed Manufacturers AH503 Datasheet HTML 7Page - List of Unclassifed Manufacturers AH503 Datasheet HTML 8Page - List of Unclassifed Manufacturers AH503 Datasheet HTML 9Page - List of Unclassifed Manufacturers AH503 Datasheet HTML 10Page - List of Unclassifed Manufacturers AH503 Datasheet HTML 11Page - List of Unclassifed Manufacturers AH503 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
AH503
High sensitivity Unipolar Hall switch sensor
REV1.2
06/2023
www.alfaelecs.com
西安中科阿尔法电子科技有限公司
12
15.Note
➢ Hall chips are sensitive devices, and electrostatic protection measures should be taken during use,
installation, and storage.
➢ During installation and use, mechanical stress applied to the device casing and leads should be
minimized as much as possible.
➢ It is recommended that the welding temperature should not exceed 350 ℃ and the duration should
not exceed 5 seconds.
➢ To ensure the safety and stability of Hall chips, it is not recommended to use them beyond the
parameter range for a long time.
16. Historical Version
No.
Time
Describe
1
September 6th, 2022
Update Characteristic Performance。
2
December 22th, 2022
Update static voltage output error range
3
February 9th, 2023
Update IC limit of operate temperature and storage temperature
4
April 19th, 2023
Version update to V1.2
Copyright ©2018, Alfa Electronics Co ., Ltd
Alfa Electronics Co ., Ltd reserves the right to make, from time to time, such departures from the detail
specifications as may be required to permit improvements in the performance, reliability, or manufacturability
of its products. Before placing an order, the user is cautioned to verify that the information being relied upon
is current.
Alfa’s products are not to be used in any devices or systems, including but not limited to life support devices
or systems, in which a failure of Alfa’s product can reasonably be expected to cause bodily harm.
The information included herein is believed to be accurate and reliable. However, Alfa Electronics Co ., Ltd
assumes no responsibility for its use; nor for any infringement of patents or other rights of third parties which
may result from its use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com