Electronic Components Datasheet Search
  English  ▼

X  

AH503 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AH503
Description  High sensitivity Unipolar Hall switch sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AH503 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AH503 Datasheet HTML 1Page - List of Unclassifed Manufacturers AH503 Datasheet HTML 2Page - List of Unclassifed Manufacturers AH503 Datasheet HTML 3Page - List of Unclassifed Manufacturers AH503 Datasheet HTML 4Page - List of Unclassifed Manufacturers AH503 Datasheet HTML 5Page - List of Unclassifed Manufacturers AH503 Datasheet HTML 6Page - List of Unclassifed Manufacturers AH503 Datasheet HTML 7Page - List of Unclassifed Manufacturers AH503 Datasheet HTML 8Page - List of Unclassifed Manufacturers AH503 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AH503
High sensitivity Unipolar Hall switch sensor
REV1.2
06/2023
www.alfaelecs.com
西安中科阿尔法电子科技有限公司
1
1.Product Introduction
AH503 is a highly sensitive unipolar Hall
switch
chip
designed
based
on
BCDMOS
technology.
The
chip
includes
temperature
compensation, comparator, and output driver. In
addition, mechanical stress has little effect on the
magnetic parameters of the chip.
The series of chip sensors is suitable for
industrial and automotive applications, with an
ambient temperature range of -40 ℃ to 150 ℃ and
supply voltage range of 2.7V to 30V. AH503
provides a variety of packages to customers:TO92S、
SOT23(small)、SOT23. All packages are RoHs
compliant. The product has passed AEC-Q100
certification.
2.Function
➢ AEC-Q100 Grade 0 Automotive Level
Certification
➢ Operating Vcc Range:2.7V~30V
➢ ESD:±12kV
➢ high mechanical stress suppression ability
➢ Temperature range:-40℃~150℃
➢ The decrease of magnetic flux density caused by
rising temperature is compensated by the built-
in negative temperature coefficient
➢ Reverse-voltage protection at Vcc pin
➢ Suitable for automobiles and industries
➢ Overvoltage protection up to 40V
3.Application
➢ Speed and RPM sensing
➢ Tachometer sensor、Flow-rate sensing
➢ DC motor, motor and fan control, robotics
control
➢ Proximity sensor、Position sensor
➢ Seat belt buckles、hood/trunk/door latches
➢ Sunroof/convertible top/tailgate
➢ liftgate activation
➢ Brake/clutch pedals
➢ Electric power steering(EPS)
➢ Transmission shifting
➢ Wiper motor


Similar Part No. - AH503

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
AH5009 NSC-AH5009 Datasheet
269Kb / 11P
MONOLITHIC ANALOG CURRENT SWITCHES
AH5009C NSC-AH5009C Datasheet
269Kb / 11P
MONOLITHIC ANALOG CURRENT SWITCHES
AH5009CN NSC-AH5009CN Datasheet
269Kb / 11P
MONOLITHIC ANALOG CURRENT SWITCHES
AH5010 NSC-AH5010 Datasheet
269Kb / 11P
MONOLITHIC ANALOG CURRENT SWITCHES
AH5010C NSC-AH5010C Datasheet
269Kb / 11P
MONOLITHIC ANALOG CURRENT SWITCHES
More results

Similar Description - AH503

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS5681 SECELECTRONICS-SS5681 Datasheet
199Kb / 7P
Unipolar Hall Switch-Low Sensitivity
S5881-AA SECELECTRONICS-S5881-AA Datasheet
353Kb / 7P
Unipolar Hall Switch-Low Sensitivity
SS139 SECELECTRONICS-SS139 Datasheet
223Kb / 5P
Unipolar Hall Switch-Low Sensitivity
SS159 SECELECTRONICS-SS159 Datasheet
223Kb / 5P
Unipolar Hall Switch-Low Sensitivity
SS1348 SECELECTRONICS-SS1348 Datasheet
224Kb / 6P
Unipolar Hall Switch-Low Sensitivity
SS1636 SECELECTRONICS-SS1636 Datasheet
261Kb / 5P
Unipolar Hall Switch-High sensitivity
SS5881_1311 SECELECTRONICS-SS5881_1311 Datasheet
245Kb / 7P
Unipolar Hall Switch-Low Sensitivity
logo
Melexis Microelectronic...
US5683 MELEXIS-US5683 Datasheet
724Kb / 11P
Unipolar Hall Switch ??High Sensitivity
US5682 MELEXIS-US5682 Datasheet
508Kb / 11P
Unipolar Hall Switch ??High Sensitivity
US5681 MELEXIS-US5681 Datasheet
719Kb / 11P
Unipolar Hall Switch ??High Sensitivity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com