Electronic Components Datasheet Search
  English  ▼

X  

TMP112 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TMP112
Description  TMP110 Ultra-Small, ±1.0°C Accurate, I2C Digital Temperature Sensor for Cost- Sensitive Systems
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP112 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMP112 Datasheet HTML 13Page - Texas Instruments TMP112 Datasheet HTML 14Page - Texas Instruments TMP112 Datasheet HTML 15Page - Texas Instruments TMP112 Datasheet HTML 16Page - Texas Instruments TMP112 Datasheet HTML 17Page - Texas Instruments TMP112 Datasheet HTML 18Page - Texas Instruments TMP112 Datasheet HTML 19Page - Texas Instruments TMP112 Datasheet HTML 20Page - Texas Instruments TMP112 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
THigh_Limit
TLow_Limit
Temperature
Conversions
ALERT pin
Polarity = 0b
ALERT pin
Polarity = 1b
I
2C Read
Temperature
Figure 7-4. Alert Mode
7.4 Device Functional Modes
The TMP110 can be configured to operate in continuous or one-shot mode. This flexibility enables users to
balance the requirements of power efficiency and performance.
7.4.1 Continuous-Conversion Mode
When the Shutdown bit is set to 0b in the configuration register, the device operates in continuous conversion
mode. Figure 7-5 shows the device in a continuous conversion cycle. In this mode, the device performs
conversion at fixed intervals and updates the temperature result register, ALERT pin and flag at the end of
every conversion. The typical active conversion time is around 10 ms.
Start of
conversion
Ac ve conversion me
(tACT)
Standby Time
(tSTANDBY)
Conversion Period
(tConv_Period)
Figure 7-5. Continuous Conversion Cycle Timing Diagram
The Conversion_Rate[1:0] bits in the configuration register controls the rate at which the conversions are
performed. The device typically consumes 55 µA during conversion and 2.6 µA during the low power standby
period. By decreasing the rate at which the conversion are performed, the application can benefit from reduced
average current consumption in continuous mode.
Use Equation 1 to calculate the average current in continuous mode.
Average Current = ((IDD_ACTIVE × tACT) + (IDD_SB × tSTANDBY)) / tConv_Period
(1)
www.ti.com
TMP110
SNIS233 – FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TMP110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com