Electronic Components Datasheet Search
  English  ▼

X  

TMP112 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TMP112
Description  TMP110 Ultra-Small, ±1.0°C Accurate, I2C Digital Temperature Sensor for Cost- Sensitive Systems
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP112 Datasheet(HTML) 5 Page - Texas Instruments

  TMP112 Datasheet HTML 1Page - Texas Instruments TMP112 Datasheet HTML 2Page - Texas Instruments TMP112 Datasheet HTML 3Page - Texas Instruments TMP112 Datasheet HTML 4Page - Texas Instruments TMP112 Datasheet HTML 5Page - Texas Instruments TMP112 Datasheet HTML 6Page - Texas Instruments TMP112 Datasheet HTML 7Page - Texas Instruments TMP112 Datasheet HTML 8Page - Texas Instruments TMP112 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
6.5 Electrical Characteristics
Over free-air temperature range and V+ = 1.14 V to 5.5 V (unless otherwise noted); Typical specifications are at TA = 25 °C
and V+ = 3.3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE SENSOR
TERR
Accuracy (temperature error)
-40°C to 125°C
1.14 ≤ V+ ≤ 1.4
± 2.0
°C
1.4 < V+ ≤ 5.5
± 1.0
°C
PSR
DC power supply rejection
V+ ≥ 1.4
0.02
°C/V
TRES
Temperature resolution
12
Bits
62.5
m°C
TREPEAT Repeatability(1)
V+ = 3.3 V
1-Hz conversion cycle
0.0625
°C
TLTD
Long-term stability and drift
1000 hours at 125°C(2)
TBD
°C
tRESP_L Response time (Stirred Liquid)
2-layer FR4 PCB 1.5748
mm thickness
τ = 63% for step
response from 25°C to
75°C
1.45
s
THYST
Temperature cycling and
hysteresis(3)
0.0625
°C
tACT
Active conversion time
V+ ≥ 1.4 V
10.25
11.25
ms
V+ < 1.4 V
10.5
12
tCONV
Conversion Period
0.125
0.25
4
s
tVAR
Timing variation of all device
settings
V+ ≥ 1.4 V
-10
10
%
V+ < 1.4 V
-15
15
DIGITAL INPUT/OUTPUT
CIN
Input capacitance
f = 1 MHz
3
pF
VIH
Input logic high
V+ < 1.4
0.8 × V+
V+
V
1.4 ≤ V+
0.7 × V+
V+
V
VIL
Input logic low
V+ < 1.4
-0.3
0.2 × V+
V
1.4 ≤ V+
-0.3
0.3 × V+
V
VHYST
Hysteresis
0.1
V
IIN
Input current
± 0.1
μA
VOL
Output logic
V+ ≥ 1.4 V
IOL = –3 mA
0.13
0.4
V
V+ < 1.4 V
IOL = –1 mA
0.2
V
POWER SUPPLY
IDD_ACTI
VE
Supply current during active
conversion
Active Conversion, serial bus idle
55
TBD
μA
IDD_AVG Average current consumption
Continuous conversion
mode
1 Hz conversion period
Serial bus idle
3.2
μA
SCL = 1 MHz
13.5
IDD_SB
Standby current(4)
Continuous conversion mode
Serial bus idle
2.6
TBD
μA
IDD_SD
Shutdown current
TA = +25°C, Serial bus inactive
0.15
0.22
μA
TA = -40°C to 125°C
1.5
Serial bus active, SCL frequency = 400 kHz
5.5
Serial bus active, SCL frequency = 1 MHz
13
VPOR
Power-on reset threshold
voltage
Supply rising
1.02
1.06
V
Brownout detect
Supply falling
0.94
0.97
V
tINIT
Power-on reset time
1
TBD
ms
www.ti.com
TMP110
SNIS233 – FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TMP110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com