Electronic Components Datasheet Search
  English  ▼

X  

PQFP100 Datasheet(PDF) 77 Page - STMicroelectronics

Part # PQFP100
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PQFP100 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button PQFP100 Datasheet HTML 73Page - STMicroelectronics PQFP100 Datasheet HTML 74Page - STMicroelectronics PQFP100 Datasheet HTML 75Page - STMicroelectronics PQFP100 Datasheet HTML 76Page - STMicroelectronics PQFP100 Datasheet HTML 77Page - STMicroelectronics PQFP100 Datasheet HTML 78Page - STMicroelectronics PQFP100 Datasheet HTML 79Page - STMicroelectronics PQFP100 Datasheet HTML 80Page - STMicroelectronics PQFP100 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 429 page
background image
77/429
ST92F124/F150/F250 - REGISTER AND MEMORY MAP
Table 17. Detailed Register Map
Page
(Dec)
Block
Reg.
No.
Register
Name
Description
Reset
Value
Hex.
Doc.
Page
N/A
Core
R230
CICR
Central Interrupt Control Register
87
34
R231
FLAGR
Flag Register
00
35
R232
RP0
Pointer 0 Register
xx
37
R233
RP1
Pointer 1 Register
xx
37
R234
PPR
Page Pointer Register
xx
39
R235
MODER
Mode Register
E0
39
R236
USPHR
User Stack Pointer High Register
xx
41
R237
USPLR
User Stack Pointer Low Register
xx
41
R238
SSPHR
System Stack Pointer High Reg.
xx
41
R239
SSPLR
System Stack Pointer Low Reg.
xx
41
I/O
Port
0:5
R224
P0DR
Port 0 Data Register
FF
151
R225
P1DR
Port 1 Data Register
FF
R226
P2DR
Port 2 Data Register
FF
R227
P3DR
Port 3 Data Register
1111 111x
R228
P4DR
Port 4 Data Register
FF
R229
P5DR
Port 5 Data Register
FF
0
INT
R242
EITR
External Interrupt Trigger Register
00
106
R243
EIPR
External Interrupt Pending Reg.
00
107
R244
EIMR
External Interrupt Mask-bit Reg.
00
107
R245
EIPLR
External Interrupt Priority Level Reg.
FF
107
R246
EIVR
External Interrupt Vector Register
x6
163
R247
NICR
Nested Interrupt Control
00
108
WDT
R248
WDTHR
Watchdog Timer High Register
FF
162
R249
WDTLR
Watchdog Timer Low Register
FF
162
R250
WDTPR
Watchdog Timer Prescaler Reg.
FF
162
R251
WDTCR
Watchdog Timer Control Register
12
162
R252
WCR
Wait Control Register
7F
163
2
I/O
Port
0
R240
P0C0
Port 0 Configuration Register 0
00
151
R241
P0C1
Port 0 Configuration Register 1
00
R242
P0C2
Port 0 Configuration Register 2
00
I/O
Port
1
R244
P1C0
Port 1 Configuration Register 0
00
R245
P1C1
Port 1 Configuration Register 1
00
R246
P1C2
Port 1 Configuration Register 2
00
I/O
Port
2
R248
P2C0
Port 2 Configuration Register 0
FF
R249
P2C1
Port 2 Configuration Register 1
00
R250
P2C2
Port 2 Configuration Register 2
00
I/O
Port
3
R252
P3C0
Port 3 Configuration Register 0
1111 111x
R253
P3C1
Port 3 Configuration Register 1
0000 000x
R254
P3C2
Port 3 Configuration Register 2
0000 000x
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com