Electronic Components Datasheet Search
  English  ▼

X  

PQFP100 Datasheet(PDF) 26 Page - STMicroelectronics

Part # PQFP100
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PQFP100 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button PQFP100 Datasheet HTML 22Page - STMicroelectronics PQFP100 Datasheet HTML 23Page - STMicroelectronics PQFP100 Datasheet HTML 24Page - STMicroelectronics PQFP100 Datasheet HTML 25Page - STMicroelectronics PQFP100 Datasheet HTML 26Page - STMicroelectronics PQFP100 Datasheet HTML 27Page - STMicroelectronics PQFP100 Datasheet HTML 28Page - STMicroelectronics PQFP100 Datasheet HTML 29Page - STMicroelectronics PQFP100 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 429 page
background image
26/429
ST92F124/F150/F250 - GENERAL DESCRIPTION
1.5 Alternate Functions for I/O Ports
All the ports in the following table are useable for general purpose I/O (input, output or bidirectional).
Table 4. I/O Port Alternate Functions
Port
Name
Pin No.
Alternate Functions
LQFP64 PQFP100 LQFP100
P0.0
-
57
54
A0/D0
I/O Address/Data bit 0
35
-
-
AIN01)
I
Analog Data Input 0
P0.1
-
58
55
A1/D1
I/O Address/Data bit 1
36
-
-
AIN11)
I
Analog Data Input 1
P0.2
-
59
56
A2/D2
I/O Address/Data bit 2
37
-
-
AIN21)
I
Analog Data Input 2
P0.3
-
60
57
A3/D3
I/O Address/Data bit 3
38
-
-
AIN31)
I
Analog Data Input 3
P0.4
-
61
58
A4/D4
I/O Address/Data bit 4
39
-
-
AIN41)
I
Analog Data Input 4
P0.5
-
62
59
A5/D5
I/O Address/Data bit 5
40
-
-
AIN51)
I
Analog Data Input 5
P0.6
-
63
60
A6/D6
I/O Address/Data bit 6
41
-
-
AIN61)
I
Analog Data Input 6
P0.7
-
66
63
A7/D7
I/O Address/Data bit 7
42
-
-
AIN71)
I
Analog Data Input 7
P1.0
-
45
42
A8
I/O Address bit 8
30
-
-
ICAPA01)
I
Ext. Timer 0 - Input Capture A
OCMPA01) O
Ext. Timer 0 - Output Compare A
P1.1
-
46
43
A9
I/O Address bit 9
31
-
-
ICAPA11)
I
Ext. Timer 1- Input Capture A
OCMPA11) O
Ext. Timer 1- Output Compare A
P1.2
-
47
44
A10
I/O Address bit 10
32
-
-
ICAPB11)
I
Ext. Timer 1- Input Capture B
ICAPB01)
I
Ext. Timer 0- Input Capture B
P1.3
-
48
45
A11
I/O Address bit 11
P1.4
-
51
48
A12
I/O Address bit 12
P1.5
-
52
49
A13
I/O Address bit 13
P1.6
-
53
50
A14
I/O Address bit 14
P1.7
-
54
51
A15
I/O Address bit 15
P2.0
18
33
30
TINPA0
I
Multifunction Timer 0 - Input A
P2.1
19
34
31
TINPB0
I
Multifunction Timer 0 - Input B
P2.2
20
35
32
TOUTA0
O
Multifunction Timer 0 - Output A
P2.3
21
36
33
TOUTB0
O
Multifunction Timer 0 - Output B
P2.4
22
37
34
TINPA1
I
Multifunction Timer 1 - Input A
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com