Electronic Components Datasheet Search
  English  ▼

X  

PQFP100 Datasheet(PDF) 82 Page - STMicroelectronics

Part # PQFP100
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PQFP100 Datasheet(HTML) 82 Page - STMicroelectronics

Back Button PQFP100 Datasheet HTML 78Page - STMicroelectronics PQFP100 Datasheet HTML 79Page - STMicroelectronics PQFP100 Datasheet HTML 80Page - STMicroelectronics PQFP100 Datasheet HTML 81Page - STMicroelectronics PQFP100 Datasheet HTML 82Page - STMicroelectronics PQFP100 Datasheet HTML 83Page - STMicroelectronics PQFP100 Datasheet HTML 84Page - STMicroelectronics PQFP100 Datasheet HTML 85Page - STMicroelectronics PQFP100 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 429 page
background image
82/429
ST92F124/F150/F250 - REGISTER AND MEMORY MAP
24
SCI-M
R240
RDCPR0
Receiver DMA Transaction Counter Pointer
xx
227
R241
RDAPR0
Receiver DMA Source Address Pointer
xx
227
R242
TDCPR0
Transmitter DMA Transaction Counter Pointer
xx
227
R243
TDAPR0
Transmitter DMA Destination Address Pointer
xx
227
R244
S_IVR0
Interrupt Vector Register
xx
229
R245
ACR0
Address/Data Compare Register
xx
229
R246
IMR0
Interrupt Mask Register
x0
229
R247
S_ISR0
Interrupt Status Register
xx
229
R248
RXBR0
Receive Buffer Register
xx
231
R248
TXBR0
Transmitter Buffer Register
xx
231
R249
IDPR0
Interrupt/DMA Priority Register
xx
232
R250
CHCR0
Character Configuration Register
xx
233
R251
CCR0
Clock Configuration Register
00
234
R252
BRGHR0
Baud Rate Generator High Reg.
xx
235
R253
BRGLR0
Baud Rate Generator Low Register
xx
235
R254
SICR0
Synchronous Input Control
03
235
R255
SOCR0
Synchronous Output Control
01
236
26
SCI-A*
R240
SCISR
SCI Status Register
C0
245
R241
SCIDR
SCI Data Register
xx
248
R242
SCIBRR
SCI Baud Rate Register
xx
248
R243
SCICR1
SCI Control Register 1
xx
246
R244
SCICR2
SCI Control Register 2
00
247
R245
SCIERPR
SCI Extended Receive Prescaler Register
00
249
R246
SCIETPR
SCI Extended Transmit Prescaler Register
00
249
R255
SCICR3
SCI Control Register 3
00
247
28
EFT0*
R240
IC1HR0
Input Capture 1 High Register
xx
181
R241
IC1LR0
Input Capture 1 Low Register
xx
181
R242
IC2HR0
Input Capture 2 High Register
xx
181
R243
IC2LR0
Input Capture 2 Low Register
xx
181
R244
CHR0
Counter High Register
FF
182
R245
CLR0
Counter Low Register
FC
182
R246
ACHR0
Alternate Counter High Register
FF
182
R247
ACLR0
Alternate Counter Low Register
FC
182
R248
OC1HR0
Output Compare 1 High Register
80
183
R249
OC1LR0
Output Compare 1 Low Register
00
183
R250
OC2HR0
Output Compare 2 High Register
80
183
R251
OC2LR0
Output Compare 2 Low Register
00
183
R252
CR1_0
Control Register 1
00
185
R253
CR2_0
Control Register 2
00
185
R254
SR0
Status Register
00
185
R255
CR3_0
Control Register 3
00
185
Page
(Dec)
Block
Reg.
No.
Register
Name
Description
Reset
Value
Hex.
Doc.
Page
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com