Electronic Components Datasheet Search
  English  ▼

X  

B32237 Datasheet(PDF) 3 Page - EPCOS

Part # B32237
Description  Metallized polyester film capacitors (MKT) High voltage (wound)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32237 Datasheet(HTML) 3 Page - EPCOS

  B32237 Datasheet HTML 1Page - EPCOS B32237 Datasheet HTML 2Page - EPCOS B32237 Datasheet HTML 3Page - EPCOS B32237 Datasheet HTML 4Page - EPCOS B32237 Datasheet HTML 5Page - EPCOS B32237 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Overview of available types
Type
B32237
VR (VDC)
1000
1600
2500
4000
6300
8000
10000
12500
Vrms (VAC)
200
200
200
450
450
450
450
450
CR (nF)
0.68
1.0
2.5
5.0
10
25
B32237
High voltage (wound)
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com