Electronic Components Datasheet Search
  English  ▼

X  

B32237 Datasheet(PDF) 4 Page - EPCOS

Part # B32237
Description  Metallized polyester film capacitors (MKT) High voltage (wound)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32237 Datasheet(HTML) 4 Page - EPCOS

  B32237 Datasheet HTML 1Page - EPCOS B32237 Datasheet HTML 2Page - EPCOS B32237 Datasheet HTML 3Page - EPCOS B32237 Datasheet HTML 4Page - EPCOS B32237 Datasheet HTML 5Page - EPCOS B32237 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Ordering codes and packing units
VR
VDC
Vrms
f
≤60 Hz
VAC
CR
nF
Max. dimensions
d
× l
mm
Ordering code
(composition see
below)
Untaped
pcs./unit
Further E series and intermediate capacitance values on request.
Composition of ordering code
Capacitance tolerance code: M =
±20%
1000
200
25
11.5
× 24.0
B32237A0253M000
50
1600
200
5.0
7.5
× 24.0
B32237A1502M000
100
10
10.5
× 24.0
B32237A1103M000
100
2500
200
2.5
8.5
× 33.0
B32237J2252M000
100
5.0
9.5
× 33.0
B32237J2502M000
100
10
10.5
× 33.0
B32237B2103M000
100
25
16.5
× 33.0
B32237J2253M000
50
4000
450
1.0
7.5
× 33.0
B32237A4102M000
100
2.5
8.5
× 33.0
B32237J4252M000
100
5.0
10.5
× 33.0
B32237J4502M000
100
10
12.5
× 33.0
B32237B4103M000
50
6300
450
1.0
8.5
× 33.0
B32237B6102M000
100
2.5
10.5
× 33.0
B32237B6252M000
100
5.0
10.5
× 45.0
B32237B6502M000
100
10
13.5
× 45.0
B32237B6103M000
50
8000
450
1.0
8.5
× 45.0
B32237A8102M000
100
2.5
10.5
× 45.0
B32237B8252M000
100
5.0
12.5
× 45.0
B32237A8502M000
50
10
16.5
× 45.0
B32237J8103M000
50
10000
450
1.0
8.5
× 56.0
B32237A9102M000
100
2.5
11.5
× 56.0
B32237A9252M000
50
5.0
13.5
× 56.0
B32237A9502M000
50
12500
450
0.68
9.5
× 56.0
B32237A3681M000
100
1.0
9.5
× 56.0
B32237A3102M000
100
2.5
12.5
× 56.0
B32237A3252M000
50
B32237
High voltage (wound)
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com