Electronic Components Datasheet Search
  English  ▼

X  

B32237 Datasheet(PDF) 5 Page - EPCOS

Part # B32237
Description  Metallized polyester film capacitors (MKT) High voltage (wound)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32237 Datasheet(HTML) 5 Page - EPCOS

  B32237 Datasheet HTML 1Page - EPCOS B32237 Datasheet HTML 2Page - EPCOS B32237 Datasheet HTML 3Page - EPCOS B32237 Datasheet HTML 4Page - EPCOS B32237 Datasheet HTML 5Page - EPCOS B32237 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Technical data
Operating temperature range
Max. operating temperature Top,max
+85
°C
Upper category temperature Tmax
+85
°C
Lower category temperature Tmin
40
°C
Rated temperature TR
+85
°C
Dissipation factor tan
δ (in 10-3) at 1 kHz: 8 10-3
at 20
°C
at 10 kHz: 15
10-3
(upper limit values)
Insulation resistance Rins
30 000 M
Ω
at 20
°C, rel. humidity ≤ 65%
(minimum as-delivered values)
DC test voltage
1.2
VR, 2 s
Category voltage VC
TA (
°C)
DC voltage derating
AC voltage derating
(continuous operation with VDC
TA
≤ 70
VC = VR
VC,rms = Vrms
or VAC at f
≤ 60 Hz)
70 <TA
≤85 V
C = VR
0.55
VC,rms = Vrms 0.70
Damp heat test
21 days/40
°C/93% relative humidity
Limit values after damp
Capacitance change
∆C/C
≤ 5%
heat test
Dissipation factor change
∆ tan δ
≤ 3 10-3 (at 1 kHz)
≤ 5 10-3 (at 10 kHz)
Insulation resistance Rins
≥ 20% of minimum
as-delivered values
Reliability:
Failure rate
λ
10 fit (
≤ 10 10-9/h) at 0.5 V
R, 40
°C
Service life tSL
200 000 h at 1.0
VR, 40
°C
For conversion to other operating conditions and temperatures,
refer to chapter "Quality assurance", page .
Failure criteria:
Total failure
Short circuit or open circuit
Failure due to variation
Capacitance change
∆C/C
> 10%
of parameters
Dissipation factor tan
δ
> 2
upper limit value
Insulation resistance Rins
< 150 M
Ω
B32237
High voltage (wound)
5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com