Electronic Components Datasheet Search
  English  ▼

X  

918 Datasheet(PDF) 3 Page - Enercon Technologies Europe AG

Part # 918
Description  Compact, Portable Military Managed Gigabit Ethernet Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

918 Datasheet(HTML) 3 Page - Enercon Technologies Europe AG

  918 Datasheet HTML 1Page - Enercon Technologies Europe AG 918 Datasheet HTML 2Page - Enercon Technologies Europe AG 918 Datasheet HTML 3Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Techaya
Networking
Products
Jan 25, 2020 | rev. -
Cham, Switzerland | www.enercon-europe.com | sales@enercon-europe.com | +41-41-740-4554
Netanya, Israel (Headquarter) | www.enercon.co.il | sales@enercon.co.il | +972-73-246 9200
Gurgaon, India | www.mpsindia.in | sales@mpsindia.in | +91-124-651 0010
3
A
B
MILTECH ™ 918
Compact, Portable Military Managed Gigabit Ethernet Switch
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
A
A
B
B
C
C
D
D
E
E
F
F
DRAWN
DATE
OF
/
PATH:
MATERIAL:
CHECKED
APPROVED
DESIGNED
DWG TITLE
DWG No.
SCALE
SIZE
SHEET
THIS DOCUMENT SHALL NOT BE REPRODUCED,
NOR SHALL THE INFORMATION CONTAINED
HEREIN BE USED BY OR DISCLOSED TO OTHERS
EXCEPT AS EXPRESSLY AUTHORIZED IN WRITING
BY TECHAYA LTD.
UNSPECIFIED TOLERANCES:
- LINEAR DIMENSIONS PER ISO 2768-1(DIN
7168), GRADE
-HOLES & OPENINGS DIMENSIONS: H
-SHAFTS & EXTERNAL DIMENSIONS: h
-ANGULAR DIMENSIONS:
0.5
UNSPECIFIED GEOMETRICAL
TOLERANCES PER ISO 2768-2(DIN 7168),
GRADE:
FINISH:
SURFACE
ROUGHNESS:
NAME
NOMINAL DIMENSIONS AND GEOMETRY ARE ACCORDING TO STEP FILE:
Tel: +972-4-6377741
P.O.B. 1500 Pardes Hanna, 37100, Israel
REMOVE BURRS & SHARP EDGES 0.3X45
PROJECT NAME:
Fax:+972-4-6377761
ALL DIMENSIONS ARE IN MM.
DON'T SCALE DRAWING.
CHANGES MUST BE MADE
ON MODEL FILE.
WEIGHT:
REV.
MT 918 ICD
918000 ICD
1
1
D:\works\Techaya 918\MT 918 ICD.idw
13-Feb-13
L.V.
A2
K
m
12
12
MT918
1
Techaya Ltd
REVISION HISTORY
REV
DESCRIPTION
DATE
APPROVED
1
RELEASE
13-Feb-13
L.V.
9.1
21.0
47.0
9.1
15.0
#4-40 UNC,
DEPTH 4.2mm
(X2)
#4-40UNC,
DEPTH 4.2mm
(X2)
#4-40 UNC,
DEPTH 4.2mm
(X4)
NOTES:
1. MATERIALS: ENCLOSURE- AL.ALLOY 6061-T651 PER AMS QQ-250/11 OR AMS QQ-A-225/B
ALL FASTENERS - AISI 300 SERIES STAINLESS STEEL, PASSIVATED.
2. ALL CONNECTORS EQUIPED WITH PROTECTION CAPS.
3. FINISH: CHEMICAL CONVERSION FILM PER MIL-DTL-5541F, TYPE II
(TCP. RoHs COMPLIED) CL.1a (GOLDY).
PAINTING:
- ONE LAYER OF PRIMERY
COAT STRONCIUM CHROMATE PER MIL-P-23377, THICKNESS 15-20 mkm.
- UPPER LAYER OF EPOXY-POLYAMIDE PAINT PER MIL-C-83286 ,SEMI GLOSS,
THICKNESS 20-30 mkm. COLOR: FED-24087, OLIVE-GREEN.
4. ALL FASTENERS SHALL BE SECURE WITH LOCTITE 262 OR EQUAL .
5. WEIGHT: 0.7 Kg
NAME PLATE
SCE2-B-76A07-14SN-001
LAN1 - LAN4 CONNECTORS,
AMPHENOL
(X4)
SCE2-B-76A06-07SN
POWER IN CONNECTOR
AMPHENOL
SCE2-B-76A07-14SN-001
LAN1 - LAN4 CONNECTORS,
AMPHENOL
(X4)
100.0
(22.5)
(21.8)
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
A
A
B
B
C
C
D
D
E
E
F
F
DRAWN
DATE
OF
/
PATH:
MATERIAL:
CHECKED
APPROVED
DESIGNED
DWG TITLE
DWG No.
SCALE
SIZE
SHEET
THIS DOCUMENT SHALL NOT BE REPRODUCED,
NOR SHALL THE INFORMATION CONTAINED
HEREIN BE USED BY OR DISCLOSED TO OTHERS
EXCEPT AS EXPRESSLY AUTHORIZED IN WRITING
BY TECHAYA LTD.
UNSPECIFIED TOLERANCES:
- LINEAR DIMENSIONS PER ISO 2768-1(DIN
7168), GRADE
-HOLES & OPENINGS DIMENSIONS: H
-SHAFTS & EXTERNAL DIMENSIONS: h
-ANGULAR DIMENSIONS:
0.5
UNSPECIFIED GEOMETRICAL
TOLERANCES PER ISO 2768-2(DIN 7168),
GRADE:
FINISH:
SURFACE
ROUGHNESS:
NAME
NOMINAL DIMENSIONS AND GEOMETRY ARE ACCORDING TO STEP FILE:
Tel: +972-4-6377741
P.O.B. 1500 Pardes Hanna, 37100, Israel
REMOVE BURRS & SHARP EDGES 0.3X45
PROJECT NAME:
Fax:+972-4-6377761
ALL DIMENSIONS ARE IN MM.
DON'T SCALE DRAWING.
CHANGES MUST BE MADE
ON MODEL FILE.
WEIGHT:
REV.
MT 918 ICD
918000 ICD
1
1
D:\works\Techaya 918\MT 918 ICD.idw
13-Feb-13
L.V.
A2
K
m
12
12
MT918
1
Techaya Ltd
REVISION HISTORY
REV
DESCRIPTION
DATE
APPROVED
1
RELEASE
13-Feb-13
L.V.
9.1
21.0
47.0
9.1
15.0
#4-40 UNC,
DEPTH 4.2mm
(X2)
#4-40UNC,
DEPTH 4.2mm
(X2)
#4-40 UNC,
DEPTH 4.2mm
(X4)
NOTES:
1. MATERIALS: ENCLOSURE- AL.ALLOY 6061-T651 PER AMS QQ-250/11 OR AMS QQ-A-225/B
ALL FASTENERS - AISI 300 SERIES STAINLESS STEEL, PASSIVATED.
2. ALL CONNECTORS EQUIPED WITH PROTECTION CAPS.
3. FINISH: CHEMICAL CONVERSION FILM PER MIL-DTL-5541F, TYPE II
(TCP. RoHs COMPLIED) CL.1a (GOLDY).
PAINTING:
- ONE LAYER OF PRIMERY
COAT STRONCIUM CHROMATE PER MIL-P-23377, THICKNESS 15-20 mkm.
- UPPER LAYER OF EPOXY-POLYAMIDE PAINT PER MIL-C-83286 ,SEMI GLOSS,
THICKNESS 20-30 mkm. COLOR: FED-24087, OLIVE-GREEN.
4. ALL FASTENERS SHALL BE SECURE WITH LOCTITE 262 OR EQUAL .
5. WEIGHT: 0.7 Kg
NAME PLATE
SCE2-B-76A07-14SN-001
LAN1 - LAN4 CONNECTORS,
AMPHENOL
(X4)
SCE2-B-76A06-07SN
POWER IN CONNECTOR
AMPHENOL
SCE2-B-76A07-14SN-001
LAN1 - LAN4 CONNECTORS,
AMPHENOL
(X4)
100.0
(22.5)
(21.8)
ORDERING INFORMATION
DESCRIPTION
PART NUMBER
Managed Military Gigabit Switch 8 x 10/100/1000TX 16Vdc ~ 36Vdc
1-918-000
Managed Military Gigabit Switch 8 x 10/100/1000TX 16Vdc ~ 36Vdc Dual Power Input
1-918-001
Managed Military Gigabit Switch 8 x 10/100/1000TX 12Vdc ~ 36Vdc
1-918-002
Enhanced Managed Military Gigabit Switch 8 x 10/100/1000TX 16Vdc ~ 36Vdc
1-918-100
Enhanced Managed Military Gigabit Switch 8 x 10/100/1000TX 16Vdc ~ 36Vdc Dual Power Input
1-918-101
Enhanced Managed Military Gigabit Switch 8 x 10/100/1000TX 12Vdc ~ 36Vdc
1-918-102
Power Harness M918 Length 3M
2-CBL918PWR3M
LAN Harness for MILTECH9028/9012/918/904 Length 3M
2-CBL9028LAN
LAN & management Harness for MILTECH9028/9012/918/904 Length 3M
2-CBL9028LN+



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com