Electronic Components Datasheet Search
  English  ▼

X  

918 Datasheet(PDF) 1 Page - Enercon Technologies Europe AG

Part # 918
Description  Compact, Portable Military Managed Gigabit Ethernet Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

918 Datasheet(HTML) 1 Page - Enercon Technologies Europe AG

  918 Datasheet HTML 1Page - Enercon Technologies Europe AG 918 Datasheet HTML 2Page - Enercon Technologies Europe AG 918 Datasheet HTML 3Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Techaya
Networking
Products
Jan 25, 2020 | rev. -
Cham, Switzerland | www.enercon-europe.com | sales@enercon-europe.com | +41-41-740-4554
Netanya, Israel (Headquarter) | www.enercon.co.il | sales@enercon.co.il | +972-73-246 9200
Gurgaon, India | www.mpsindia.in | sales@mpsindia.in | +91-124-651 0010
1
One of the most exciting advancement in technology over
the last decade has been unmanned vehicles including:
• Unmanned aerial vehicles (UAVs) or Drones
• Land autonomous vehicles (UGVs)
• Robots
• Other unmanned support vehicles
Thesevehiclesmustbeagile,compactandhighlyintelligent.
In order to support this sophisticated intelligence, these
platforms may have to carry and connect a variety of
Ethernet-based devices including computers, sensors,
and targeting systems - all in compact platforms that
must operate in extreme environmental conditions. The
MILTECH918 is an ideal Ethernet switching solution for
these rugged environments. With the best combination
of size, weight, power and cost (SWaP-C) in the industry,
it saves valuable real estate and payload.
MILTECH ™ 918
Compact, Portable Military Managed Gigabit Ethernet Switch
FEATURES
SPECIFICATIONS
•
Managed 8 x switched 10/100 /1000 ports
ETHERNET PORTS
•
Spanning Tree (802.1d), RSTP (802.1w) and multiple Spanning
Tree (802.1S) for fast recovery rings
•
Security via Radius Authentication 802.1x, Port Security, Port
Mirroring
•
Multicasting (IGMP Snooping), GARP, GMRP, and GVRP Broad-
casting and flooding Control up to 8K Groups.
•
802.1q Tagged based VLAN up to 4K VLAN groups.
•
QoS Multi-Layer Classifier, 802.1p, ToS/DSCP traffic
classification. WFQ, Strict Queuing.
•
Bridge support for Q-in-Q.
•
L3 static routing
•
Link Aggregation 802.3AD.
•
WEB, CLI, Telnet Management.
•
Rmirror*
•
Port Protection: 1+1 port protection, 1:1 port protection, 1:N port
protection*
•
G.8032 ring protection*
•
DHCP option 82 relay*
•
L2CP tunneling*
•
Protocol-based VLAN*
•
1588v2 PTP with two-step clock*
*Available in part numbers 1-918-100, 1-918-101, 1-918-102
NETWORKING
•
Power Connector Type: SCE2-B-76A06-07SN
•
LAN Connector Type: SCE2-B-76A07-14SN-001
•
Management RS-232 Type via Port #1
•
LED Indication Per Port (Link/Activity)
CONNECTORS
The MILTECH918 is a MIL-STD, fully managed
military grade network switch offering 8 triple-speed
(10/100/1000Mbps) ports. It can be remotely managed
to optimize communications and prioritize critical
information traffic. Advanced network features, never
before found in a package of this size, include switching
protocols, virtual LANS (VLANS), traffic prioritization
(QoS), and bandwidth aggregation are standard.
The MILTECH918’s gigabit speeds and 24VDC power
make it instantly compatible with any network device and
power systems. Its mechanical packaging enhancements,
includingruggedizedSCE2circularconnectors,isdesigned
for MIL-STD-810F airborne and ground environmental
compliance and high reliability. Leveraging best-in-class
switching technology, the MILTECH 918 serves as a
robust commercial off-the-shelf (COTS) solution for
rugged LAN connectivity.


Similar Part No. - 918

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
918 ALPHAWIRE-918 Datasheet
204Kb / 3P
M12?륚 Plastic Passive I/O Box
logo
Keystone Electronics Co...
918 KEYSTONE-918 Datasheet
558Kb / 1P
TERMINAL LUGS
31-07 20th
logo
Adafruit Industries
918 ADAFRUIT-918 Datasheet
2Mb / 4P
Small Reduction Stepper Motor 12VDC 3 2 Step 1/16 Gearing
3-1-22
logo
Keysight Technologies
918 KEYSIGHT-918 Datasheet
1Mb / 18P
N6700 Modular Power System Family
January 13, 2017
logo
Techcon Systems Inc.
918-110-C TECHCON-918-110-C Datasheet
1Mb / 8P
310 ml Dispensing Tools/Accessories
More results

Similar Description - 918

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
SLX-18MG-1 REDLION-SLX-18MG-1 Datasheet
421Kb / 3P
Managed Gigabit Ethernet Switch
SLX-10MG-1 REDLION-SLX-10MG-1 Datasheet
394Kb / 3P
Managed Gigabit Ethernet Switch
SLX-8MG REDLION-SLX-8MG Datasheet
438Kb / 3P
Managed Gigabit Ethernet Switch
NT24K-DC1 REDLION-NT24K-DC1 Datasheet
625Kb / 3P
Managed Gigabit Industrial Ethernet Switch
NT24K-12SFP-DM4 REDLION-NT24K-12SFP-DM4 Datasheet
558Kb / 3P
Industrial Managed Gigabit Ethernet Switch
NT24K-10GX2 REDLION-NT24K-10GX2 Datasheet
554Kb / 3P
Industrial Managed Gigabit Ethernet Switch
NT24K_DR16 REDLION-NT24K_DR16 Datasheet
622Kb / 3P
Managed Gigabit Industrial Ethernet Switch
logo
Weidmuller
1241370000 WEIDMULLER-1241370000 Datasheet
250Kb / 5P
Network switch, managed, Gigabit Ethernet
2682340000 WEIDMULLER-2682340000 Datasheet
155Kb / 5P
Network switch, managed, Gigabit Ethernet
November 4, 2021
2682360000 WEIDMULLER-2682360000 Datasheet
157Kb / 5P
Network switch, managed, Gigabit Ethernet
November 4, 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com