Electronic Components Datasheet Search
  English  ▼

X  

918 Datasheet(PDF) 2 Page - Enercon Technologies Europe AG

Part # 918
Description  Compact, Portable Military Managed Gigabit Ethernet Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

918 Datasheet(HTML) 2 Page - Enercon Technologies Europe AG

  918 Datasheet HTML 1Page - Enercon Technologies Europe AG 918 Datasheet HTML 2Page - Enercon Technologies Europe AG 918 Datasheet HTML 3Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Techaya
Networking
Products
Jan 25, 2020 | rev. -
Cham, Switzerland | www.enercon-europe.com | sales@enercon-europe.com | +41-41-740-4554
Netanya, Israel (Headquarter) | www.enercon.co.il | sales@enercon.co.il | +972-73-246 9200
Gurgaon, India | www.mpsindia.in | sales@mpsindia.in | +91-124-651 0010
2
SPECIFICATIONS
•
Machined rugged aluminum
•
Conductively cooled w/custom internal heat-sinks
•
Ingress protection against sand, dust and moisture
•
Anodize Coating, MIL-A-8625, Type II, Class 2
CHASSIS
•
MIL-STD-461E, MIL-STD-810F GM, IP68, MILSTD-1275, MILSTD-704
STANDARDS
•
26.8 Mpps wire speed forwarding rate
•
20 Gbps maximum forwarding bandwidth
•
8K MAC Address
PERFORMANCE
•
IEEE 802.1x MAC based Authentication
•
IEEE 802.1Q Vlan Tagging
•
IEEE 802.1P QoS
•
IEEE 802.1S Multiple STP
•
IEEE 802.1W Rapid STP
•
IEEE 802.1AD Link Aggregation
•
IEEE 802.1X
STANDARDS COMPLIANCE
•
Voltage Input: 24Vdc Nominal (16-36V)
•
Power Consumption: 8W Max
•
Chassis grounding
•
MILSTD-1275 , MILSTD-704
POWER
•
MIL-STD-461E Electromagnetic compatibility
•
CE-102, CS-114, CS-115, CS-116, RE-102, RS-103
ELECTROMAGNETIC
•
MILSTD-810F/G/GM:
•
Random vibration (514.5I), Bench Handling (516.6VI), High Temp.(501.5I,II), Low Temp.(502.5I), Humidity
(507.5II), Air Pressure (500.5I,II), Blowing Rain (506.5I), Immersion (512.5I), Salt Atmosphere (509.5I),
Blowing Dust (510.5I), Loose Cargo Vibration (514.6II), Wind Analysis.
•
IP68
ENVIRONMENTAL
•
Dimensions: 100mm (L) x 89(W) x 36(H), including connectors & hardware
•
Weight: 390g
PHYSICAL
•
Set of four 4-40 threads for mounting to any flat surface.
INSTALLATION
•
No Moving Parts. Passive Cooling.
COOLING
•
-45ºC to +85ºC (-49ºF to +185ºF) Cold Start-Up
OPERATING TEMP
•
-45ºC to +85ºC (-49ºF to +185ºF)
STORAGE TEMP
MILTECH ™ 918
Compact, Portable Military Managed Gigabit Ethernet Switch



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com