Electronic Components Datasheet Search
  English  ▼

X  

948 Datasheet(PDF) 3 Page - Enercon Technologies Europe AG

Part # 948
Description  Compact, Portable Military Managed Gigabit Ethernet Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

948 Datasheet(HTML) 3 Page - Enercon Technologies Europe AG

  948 Datasheet HTML 1Page - Enercon Technologies Europe AG 948 Datasheet HTML 2Page - Enercon Technologies Europe AG 948 Datasheet HTML 3Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Techaya
Networking
Products
Jan 25, 2020 | rev. -
Cham, Switzerland | www.enercon-europe.com | sales@enercon-europe.com | +41-41-740-4554
Netanya, Israel (Headquarter) | www.enercon.co.il | sales@enercon.co.il | +972-73-246 9200
Gurgaon, India | www.mpsindia.in | sales@mpsindia.in | +91-124-651 0010
3
MILTECH™ 948
Compact, Portable Military Managed Gigabit Ethernet Switch
MILTECH948 -A-B-C
B Fiber port #2 type /speed
0 None
1 Mulitimodefiber100Mbps
2 Multimodefiber1000Mbps
3 Singlemodefiber100Mbpsdistance 30Km
4 Singlemodefiber1000Mbpsdistance30Km
5 WDMATX1310nm/RX1550nm100Mbps
distance 20Km
6 WDMATX1310nm/RX1550nm
1000Mbps distance 20Km
7 WDMBTX1550nm/RX1310nm100Mbps
distance 20Km
8 WDMBTX1550nm/RX1310nm
1000Mbps distance 20Km
C Special/customized
version
0 None
1 Singlefiberconnectorforbothports
2 Withoutcaptivescrews
ORDERING INFORMATION
A Fiber port #1 type /speed
0 None
1 Mulitimodefiber100Mbps
2 Multimodefiber1000Mbps
3 Singlemodefiber100Mbpsdistance 30Km
4 Singlemodefiber1000Mbpsdistance30Km
5 WDMATX1310nm/RX1550nm100Mbps
distance 20Km
6 WDMATX1310nm/RX1550nm
1000Mbps distance 20Km
7 WDMBTX1550nm/RX1310nm100Mbps
distance 20Km
8 WDMBTX1550nm/RX1310nm
1000Mbps distance 20Km
ORDERING INFORMATION
DESCRIPTION
PART NUMBER
•
Managed 8 x switched 10/100 /1000 ports + up to 2 x Fiber ports (See above tables for F/O connector options)
1-948-XXX
•
Power harness 1 x D38999 connector to open wires & DB9 connector 3 meter length
2-CBL908MPPW
•
LAN harness for 8 LAN ports, 1 x D38999 connector to 8xRJ45 connectors, 3 meters length
2-CBL908MPLAN



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com