Electronic Components Datasheet Search
  English  ▼

X  

948 Datasheet(PDF) 1 Page - Enercon Technologies Europe AG

Part # 948
Description  Compact, Portable Military Managed Gigabit Ethernet Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

948 Datasheet(HTML) 1 Page - Enercon Technologies Europe AG

  948 Datasheet HTML 1Page - Enercon Technologies Europe AG 948 Datasheet HTML 2Page - Enercon Technologies Europe AG 948 Datasheet HTML 3Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Techaya
Networking
Products
Jan 25, 2020 | rev. -
Cham, Switzerland | www.enercon-europe.com | sales@enercon-europe.com | +41-41-740-4554
Netanya, Israel (Headquarter) | www.enercon.co.il | sales@enercon.co.il | +972-73-246 9200
Gurgaon, India | www.mpsindia.in | sales@mpsindia.in | +91-124-651 0010
1
Driven by rapid advancement and lower costs, Ethernet is
becoming the standard for IP-based components in a wide
range of military and commercial applications, including:
• Battle management systems (BMSs)
• Infantry base camp deployment
• Airborne systems
• Mobile equipment fielded in harsh environments
Modern platforms contain dozens of network devices that must
be interconnected. The MILTECH 948 is an ideal solution for
mobile Ethernet-equipped platforms utilizing both copper and
fiber connections. With the best combination of size, weight,
power and cost (SWaP-C) in the industry, it saves valuable
real estate for computers, sensors, targeting systems, and
other devices that make mobile platforms highly effective.
The MILTECH948 is a MIL-STD, fully managed military
grade network switch offering the flexibility of 8 triple-speed
(10/100/1000Mbps) ports and the option of two fiber port
operating at either 100Mbps or 1Gbps. The fiber ports support
MILTECH™ 948
Compact, Portable Military Managed Gigabit Ethernet Switch
multimode and singlemode fiber and single fiber wave division
multiplexing (WDM) in a variety of connector options. It can be
remotely managed to optimize communications and prioritize
critical information traffic. Advanced network features, never
before found in a package of this size, include switching
protocols, virtual LANS (VLANS), traffic prioritization (QoS),
and bandwidth aggregation are standard.
The MILTECH948’s gigabit speeds and 24VDC power make
it instantly compatible with any network device and power
systems.
Its mechanical packaging enhancements, including a single
ruggedized D38999 circular connector for the Ethernet
ports and a single TFOCA-III connector for both fiber
ports, is designed for MIL-STD-810F airborne and ground
environmental compliance and high reliability. Leveraging
best-in-class switching technology, the MILTECH 948 serves
as a robust commercial off-the-shelf (COTS) solution for
rugged LAN connectivity.
SPECIFICATIONS
• Managed 8 x switched 10/100 /1000 ports, with an option for up to 2 x
Fiber ports 100Base-FX or 1000Base-FX
ETHERNET PORTS:
• Spanning Tree (802.1d), RSTP (802.1w) and multiple Spanning Tree
(802.1S) for fast recovery rings
• Security via Radius Authentication 802.1x, Port Security, Port Mirroring
• Multicasting (IGMP Snooping), GARP, GMRP, and GVRP Broadcasting
and flooding Control up to 8K Groups.
• 802.1q Tagged based VLAN up to 4K VLAN groups.
• QoS Multi-Layer Classifier, 802.1p, ToS/DSCP traffic classification.
WFQ, Strict Queuing.
• Bridge support for Q-in-Q.
• L3 static routing
• Link aggregation 802.3AD
• WEB, CLI, Telnet management
NETWORKING:
• Power Connector Type: MIL-D-38999/24WB35PN
• LAN Connector Type: MIL-D-38999/24WF35PN
• Fiber Connectors Type: FS4H8000-6A13 (TFOCA-II)
• LED Indication Per Port (Speed, Link/Activity)
CONNECTORS:
PRODUCT DESCRIPTION


Similar Part No. - 948

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
948 ADAFRUIT-948 Datasheet
116Kb / 2P
EL Flowing Effect Wire with Inverter - Blue 2.0 meter (6.5 ft)
7/27/2015
logo
3M Electronics
94800 3M-94800 Datasheet
328Kb / 8P
Specialty Bagged Terminals
AUG.19.2004
logo
Phoenix Mecano S.E. Asi...
94800005 BOPLA-94800005 Datasheet
2Mb / 22P
Cable glands / General Accessories
94800024 BOPLA-94800024 Datasheet
2Mb / 22P
Cable glands / General Accessories
94800035 BOPLA-94800035 Datasheet
2Mb / 22P
Cable glands / General Accessories
More results

Similar Description - 948

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
SLX-18MG-1 REDLION-SLX-18MG-1 Datasheet
421Kb / 3P
Managed Gigabit Ethernet Switch
SLX-10MG-1 REDLION-SLX-10MG-1 Datasheet
394Kb / 3P
Managed Gigabit Ethernet Switch
SLX-8MG REDLION-SLX-8MG Datasheet
438Kb / 3P
Managed Gigabit Ethernet Switch
NT24K-DC1 REDLION-NT24K-DC1 Datasheet
625Kb / 3P
Managed Gigabit Industrial Ethernet Switch
NT24K-12SFP-DM4 REDLION-NT24K-12SFP-DM4 Datasheet
558Kb / 3P
Industrial Managed Gigabit Ethernet Switch
NT24K-10GX2 REDLION-NT24K-10GX2 Datasheet
554Kb / 3P
Industrial Managed Gigabit Ethernet Switch
NT24K_DR16 REDLION-NT24K_DR16 Datasheet
622Kb / 3P
Managed Gigabit Industrial Ethernet Switch
logo
Weidmuller
1241370000 WEIDMULLER-1241370000 Datasheet
250Kb / 5P
Network switch, managed, Gigabit Ethernet
2682340000 WEIDMULLER-2682340000 Datasheet
155Kb / 5P
Network switch, managed, Gigabit Ethernet
November 4, 2021
2682360000 WEIDMULLER-2682360000 Datasheet
157Kb / 5P
Network switch, managed, Gigabit Ethernet
November 4, 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com