Electronic Components Datasheet Search
  English  ▼

X  

948 Datasheet(PDF) 2 Page - Enercon Technologies Europe AG

Part # 948
Description  Compact, Portable Military Managed Gigabit Ethernet Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

948 Datasheet(HTML) 2 Page - Enercon Technologies Europe AG

  948 Datasheet HTML 1Page - Enercon Technologies Europe AG 948 Datasheet HTML 2Page - Enercon Technologies Europe AG 948 Datasheet HTML 3Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Techaya
Networking
Products
Jan 25, 2020 | rev. -
Cham, Switzerland | www.enercon-europe.com | sales@enercon-europe.com | +41-41-740-4554
Netanya, Israel (Headquarter) | www.enercon.co.il | sales@enercon.co.il | +972-73-246 9200
Gurgaon, India | www.mpsindia.in | sales@mpsindia.in | +91-124-651 0010
2
SPECIFICATIONS
• Machined rugged aluminum
• Conductively cooled w/custom internal heat-sinks
• Ingress protection against sand, dust and moisture
• Anodize Coating, MIL-A-8625, Type II, Class 2
CHASSIS:
• IP67, MIL-STD-1275, MIL-STD-704
STANDARDS:
•
26.8 Mpps wire speed forwarding rate
•
20 Gbps maximum forwarding bandwidth
•
8K MAC Address
PERFORMANCE:
•
IEEE 802.1x MAC based Authentication
•
IEEE 802.1Q Vlan Tagging
•
IEEE 802.1P QoS
•
IEEE 802.1S Multiple STP
•
IEEE 802.1W Rapid STP
•
IEEE 802.1AD Link Aggregation
•
IEEE 802.1X
STANDARDS COMPLIANCE:
•
MIL-STD-1275B Surge and Spike protection
•
Voltage Input: 24Vdc Nominal (18-32V)
•
Power Consumption: 7W Typical
•
Chassis grounding
POWER:
•
MIL-STD-461E Electromagnetic compatibility
•
RE-02, RS-03
ELECTROMAGNETIC:
•
MIL-STD-810F | 501.4I | 501.4II | 502.4I | 502.4II | 507.4 | 500.4II | 514 | 516I | 516VI | 514.5 | 512.4
SHOCK/VIBRATION/HUMIDITY:
•
Dimensions: 209mm(L) x 146mm(W) x 63mm(H), including connectors
•
Dimensions: 8.25”(L) x 5.74”(W) x 2.48”(H), including connectors
•
Weight: 1.1kg
PHYSICAL:
•
Four #10-32 Captive screws PAMPFC2P-32-72 for mounting to any flat surface
INSTALLATION:
•
No Moving Parts. Passive Cooling
COOLING:
•
-45ºC to +85ºC (-49ºF to +185ºF) Cold Start-Up
OPERATING TEMP:
•
-45ºC to +85ºC (-49ºF to +185ºF)
STORAGE TEMP:
B
A
MILTECH™ 948
Compact, Portable Military Managed Gigabit Ethernet Switch



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com