Electronic Components Datasheet Search
  English  ▼

X  

ATA3745 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATA3745
Description  UHF ASK/FSK Receiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA3745 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATA3745 Datasheet HTML 9Page - ATMEL Corporation ATA3745 Datasheet HTML 10Page - ATMEL Corporation ATA3745 Datasheet HTML 11Page - ATMEL Corporation ATA3745 Datasheet HTML 12Page - ATMEL Corporation ATA3745 Datasheet HTML 13Page - ATMEL Corporation ATA3745 Datasheet HTML 14Page - ATMEL Corporation ATA3745 Datasheet HTML 15Page - ATMEL Corporation ATA3745 Datasheet HTML 16Page - ATMEL Corporation ATA3745 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
13
4901A–RKE–11/05
ATA3745
5.3
Bit Check Mode
In bit check mode, the incoming data stream is examined to distinguish between a valid signal
from a corresponding transmitter and signals due to noise. This is done by subsequent time
frame checks where the distances between 2 signal edges are continuously compared to a pro-
grammable time window. The maximum count of this edge-to-edge test, before the receiver
switches to receiving mode, is also programmable.
5.3.1
Configuring the Bit Check
Assuming a modulation scheme that contains 2 edges per bit, two time frame checks verify one
bit. This is valid for Manchester, Bi-phase and most other modulation schemes. The maximum
count of bits to be checked can be set to 0, 3, 6 or 9 bits via the variable N
Bitcheck in the OPMODE
register. This implies 0, 6, 12 and 18 edge-to-edge checks respectively. If N
Bitcheck is set to a
higher value, the receiver is less likely to switch to the receiving mode due to noise. In the pres-
ence of a valid transmitter signal, the bit check takes less time if N
Bitcheck is set to a lower value.
In polling mode, the bit check time is not dependent on N
Bitcheck. Figure 5-3 on page 12 shows an
example where 3 bits are tested successfully and the data signal is transferred to pin DATA.
Figure 5-4 shows that the time window for the bit check is defined by two separate time limits. If
the edge-to-edge time t
ee is in between the lower bit check limit TLim_min and the upper bit check
limit T
Lim_max, the check will be continued. If tee is smaller than TLim_min or tee exceeds TLim_max,
the bit check will be terminated and the receiver switches to sleep mode.
Figure 5-4.
Valid Time Window for Bit Check
For best noise immunity it is recommended to use a low span between T
Lim_min and TLim_max.
This is achieved using a fixed frequency at a 50% duty cycle for the transmitter preburst. A
“11111...” or a “10101...” sequence in Manchester or Bi-phase is a good choice in this regard. A
good compromise between receiver sensitivity and susceptibility to noise is a time window of
±25% regarding the expected edge-to-edge time t
ee. Using preburst patterns that contain vari-
ous edge-to-edge time periods, the bit check limits must be programmed according to the
required span.
The bit check limits are determined by means of the formulas below:
T
Lim_min = Lim_min × TXClk
T
Lim_max = (Lim_max – 1) × TXClk
Lim_min and Lim_max are defined by a 5-bit word each within the LIMIT register.
Using the above formulas, Lim_min and Lim_max can be determined according to the required
T
Lim_min, TLim_max and TXClk. The time resolution when defining TLim_min and TLim_max is TXClk. The
minimum edge-to-edge time t
ee (tDATA_L_min, tDATA_H_min) is defined in Section “Receiving Mode”
on page 15. Due to this, the lower limit should be set to Lim_min
≥ 10. The maximum value of
the upper limit is Lim_max = 63.
Dem_out
t
ee
T
Lim_max
1/f
Sig
T
Lim_min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com