Electronic Components Datasheet Search
  English  ▼

X  

ATA3745 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATA3745
Description  UHF ASK/FSK Receiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA3745 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATA3745 Datasheet HTML 17Page - ATMEL Corporation ATA3745 Datasheet HTML 18Page - ATMEL Corporation ATA3745 Datasheet HTML 19Page - ATMEL Corporation ATA3745 Datasheet HTML 20Page - ATMEL Corporation ATA3745 Datasheet HTML 21Page - ATMEL Corporation ATA3745 Datasheet HTML 22Page - ATMEL Corporation ATA3745 Datasheet HTML 23Page - ATMEL Corporation ATA3745 Datasheet HTML 24Page - ATMEL Corporation ATA3745 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
21
4901A–RKE–11/05
ATA3745
5.5.1
Conservation of the Register Information
The ATA3745 has integrated power-on reset and brown-out detection circuitry to provide a
mechanism to preserve the RAM register information.
According to Figure 5-13, a power-on reset (POR) is generated if the supply voltage V
S drops
below the threshold voltage V
ThReset. The default parameters are programmed into the configura-
tion registers in that condition. Once V
S exceeds VThReset, the POR is canceled after the
minimum reset period t
Rst. A POR is also generated when the supply voltage of the receiver is
turned on.
To indicate that condition, the receiver displays a reset marker (RM) at pin DATA after a reset.
The RM is represented by the fixed frequency f
RM at a 50% duty cycle. RM can be canceled via
an "L" pulse t1 at pin DATA. The RM implies the following characteristics:
•f
RM is lower than the lowest feasible frequency of a data signal. By this means, RM cannot be
misinterpreted by the connected microcontroller.
• If the receiver is set back to polling mode via pin DATA, RM cannot be canceled by accident if
t1 is applied according to the proposal in “Programming the Configuration Register” on page
22.
By means of that mechanism, the receiver cannot lose its register information without communi-
cating that condition via the reset marker RM.
Figure 5-13. Generation of the Power-on Reset
Figure 5-14. Timing of the Register Programming
V
S
POR
DATA (ATA3745)
X
V
ThReset
t
Rst
1/f
RM
Out1 (microcontroller)
DATA (ATA3745)
Serial bi-directional
data line
X
Bit 1
("0")
(Start bit)
Bit 2
("1")
(Register
select)
Bit 13
("0")
(Poll8)
Bit 14
("1")
(Poll8R)
X
t1
t2
t3
t4
t5
t6
t8
t7
X
X
Programming Frame
Receiver
on
Startup
mode
t9
T
Sleep



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com