Electronic Components Datasheet Search
  English  ▼

X  

ATA3745 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATA3745
Description  UHF ASK/FSK Receiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA3745 Datasheet(HTML) 2 Page - ATMEL Corporation

  ATA3745 Datasheet HTML 1Page - ATMEL Corporation ATA3745 Datasheet HTML 2Page - ATMEL Corporation ATA3745 Datasheet HTML 3Page - ATMEL Corporation ATA3745 Datasheet HTML 4Page - ATMEL Corporation ATA3745 Datasheet HTML 5Page - ATMEL Corporation ATA3745 Datasheet HTML 6Page - ATMEL Corporation ATA3745 Datasheet HTML 7Page - ATMEL Corporation ATA3745 Datasheet HTML 8Page - ATMEL Corporation ATA3745 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
2
4901A–RKE–11/05
ATA3745
Figure 1-1.
System Block Diagram
Figure 1-2.
Block Diagram
Demod
Data
Interf.
ATA3745
1...3
ATA2745
Antenna
Antenna
UHF ASK/FSK
Remote control transmitter
UHF ASK/FSK
Remote control receiver
1 Li cell
Keys
µC
PLL
XTO
VCO
LNA
PLL
VCO
XTO
Encoder
ATARx9x
Power
amp.
IF Amp.
Demodulator
and data filter
IF Amp
IF Amp
4th Order
LPF
3 MHz
LPF
3 MHz
DEMOD_OUT
Limiter out
RSSI
Sensitivity
reduction
Standby logic
Polling circuit
and
control logic
FE
CLK
VCO
XTO
÷ 64
f
50 k
Ω
V
S
ASK
CDEM
AVCC
AGND
DGND
MIXVCC
LNAGND
LNA_IN
DATA
TEST
POUT
MODE
LFGND
LFVCC
XTO
LF
DVCC
LNA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com