Electronic Components Datasheet Search
  English  ▼

X  

ATA6809 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATA6809
Description  Fail-safe IC with Relay Driver and Lamp Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6809 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATA6809 Datasheet HTML 8Page - ATMEL Corporation ATA6809 Datasheet HTML 9Page - ATMEL Corporation ATA6809 Datasheet HTML 10Page - ATMEL Corporation ATA6809 Datasheet HTML 11Page - ATMEL Corporation ATA6809 Datasheet HTML 12Page - ATMEL Corporation ATA6809 Datasheet HTML 13Page - ATMEL Corporation ATA6809 Datasheet HTML 14Page - ATMEL Corporation ATA6809 Datasheet HTML 15Page - ATMEL Corporation ATA6809 Datasheet HTML 16Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
4902A–AUTO–11/05
ATA6809
Figure 8-2.
Watchdog in Too Slow Condition
Figure 8-3.
Overvoltage Condition
Normal operation
5 V
0 V
WDI
WDI too low
Normal operation
0 V
RELO
5 V
0 V
ENO
V
Batt
0 V
LAXO
Don't care
V
Batt
0 V
V S
5 V
V Batt
0 V
RELO
5 V
0 V
ENO
5 V
0 V
NRES
V
Batt
0 V
LAXO
Don't care
Reset debounce time
3 good WDI pulses
1st Reset delay
2nd Reset delay
≥ 5.5 V
> 120 µs
< 120 µs
Overvoltage condition
≥ 5.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com