Electronic Components Datasheet Search
  English  ▼

X  

ATA6809 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATA6809
Description  Fail-safe IC with Relay Driver and Lamp Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6809 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATA6809 Datasheet HTML 2Page - ATMEL Corporation ATA6809 Datasheet HTML 3Page - ATMEL Corporation ATA6809 Datasheet HTML 4Page - ATMEL Corporation ATA6809 Datasheet HTML 5Page - ATMEL Corporation ATA6809 Datasheet HTML 6Page - ATMEL Corporation ATA6809 Datasheet HTML 7Page - ATMEL Corporation ATA6809 Datasheet HTML 8Page - ATMEL Corporation ATA6809 Datasheet HTML 9Page - ATMEL Corporation ATA6809 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
4902A–AUTO–11/05
ATA6809
4.
Fail-safe Functions
A fail-safe IC has to maintain its monitoring function even if there is a fault condition at one of the
pins (for example, a short circuit). This ensures that a microcontroller system is not brought into
a critical status. A critical status is reached if the system is not able to actuate a warning lamp
and switch off the relay. The following table shows fault conditions for different pins during which
the IC still works as a fail-safe device.
5.
Description of the Watchdog
5.1
Abstract
The microcontroller is monitored by a digital window watchdog which accepts an incoming trig-
ger signal of a constant frequency for correct operation. The frequency of the trigger signal can
be varied in a broad range as the watchdog's time window is determined by external RC
components.
The following description refers to Figure 1-1 on page 2.
Figure 5-1.
Watchdog Block Diagram
Table 4-1.
Table of Fault Condition
Pin
Function
Short to V
S
Short to V
Batt
Short to GND
Open Circuit
LA2O
Short-circuit proof driver for warning lamp
LA2O partly on
LA2O off
LA2O on
LA2O off
LA2I
Digital input to activate warning lamp
LA2O on
LA2O on
LA2O off
LA2O on
FBLA2
Digital feedback of warning lamp
Faulty feedback
Faulty feedback
Faulty feedback
Faulty feedback
LA1O
Short-circuit proof driver for warning lamp
LA1O partly on
LA1O off
LA1O on
LA1O off
LA1I
Digital input to activate warning lamp
LA1O on
LA1O on
LA1O off
LA1O on
FBLA1
Digital feedback of warning lamp
Faulty feedback
Faulty feedback
Faulty feedback
Faulty feedback
RELI
Digital input to activate the fail safe relay
Relay off
Relay off
Relay on
Relay off
WDI
Watchdog trigger input
Watchdog reset
Watchdog reset
Watchdog reset
Watchdog reset
OSC
Capacitor and resistor of watchdog
Watchdog reset
Watchdog reset
Watchdog reset
Watchdog reset
Slope
detector
Up/down
counter
Dual MUX
Binary counter
RS-FF
RCOSC
WDI
RESET
OSCERR
WD-OK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com